Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 16Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 20Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 21Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9652
Data Sheet
100
70
75
80
85
90
95
80
120
160
200
240
280
320
ENCODE RATE (MHz)
SNRFS (VREF = 1V)
SFDR (VREF = 1V)
SNRFS (VREF = 1.25V)
SFDR (VREF = 1.25V)
Figure 36. Encode Rate Sweep, fIN = 90.1 MHz at −7 dBFS,
VREF = 1.25 V and 1.0 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
CODES
Figure 37. DNL with Dither Off, fIN = 30 MHz
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
CODES
Figure 38. DNL with Dither On, fIN = 30 MHz
100
70
75
80
85
90
95
80
120
160
200
240
280
320
ENCODE RATE (MHz)
SNRFS (VREF = 1V)
SFDR (VREF = 1V)
SNRFS (VREF = 1.25V)
SFDR (VREF = 1.25V)
Figure 39. Encode Rate Sweep, fIN = 90.1 MHz at −1 dBFS,
VREF = 1.25 V and 1.0 V
6
–6
–3
0
3
0
10000
20000
30000
40000
50000
60000
CODES
Figure 40. INL with Dither Off, fIN = 30 MHz
6
–6
–3
0
3
0
10000
20000
30000
40000
50000
60000
CODES
Figure 41. INL with Dither On, fIN = 30 MHz
Rev. A | Page 18 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com