Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 9Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 11Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9652
Data Sheet
Rev. A | Page 12 of 36
Pin No.
Mnemonic
Type
Description
L12
D13+
Output
Channel A/Channel B LVDS Output Data 13 (True).
M12
D13−
Output
Channel A/Channel B LVDS Output Data 13 (Complement).
K11
D14+
Output
Channel A/Channel B LVDS Output Data 14 (True).
K12
D14−
Output
Channel A/Channel B LVDS Output Data 14 (Complement).
J11
D15+
Output
Channel A/Channel B LVDS Output Data 15 (True, MSB).
J12
D15−
Output
Channel A/Channel B LVDS Output Data 15 (Complement, MSB).
G12
OR+
Output
Channel A/Channel B LVDS Overrange (True).
H12
OR−
Output
Channel A/Channel B LVDS Overrange (Complement).
J8
DCO+
Output
Channel A/Channel B LVDS Data Clock Output (True).
K8
DCO−
Output
Channel A/Channel B LVDS Data Clock Output (Complement).
SPI Control
F12
SCLK
Input
SPI Serial Clock.
E12
SDIO
Input/Output
SPI Serial Data Input/Output.
D12
CSB
Input
SPI Chip Select (Active Low). This pin must be pulled high at
power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com