Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 5 Page - Analog Devices

  AD9652BBCZ-310 Datasheet HTML 1Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 2Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 3Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 4Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 5Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 6Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 7Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9652
VREF = 1 V
VREF = 1.25 V,
Default
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER (NOT INCLUDING 2nd or 3rd HARMONIC)
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
−101
−102
dBc
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
−99
−98
−90
dBc
Full
−86
dBc
fIN = 70 MHz (Use Nyquist 1 Settings, with Dither Enabled)
25°C
−100
−100
dBc
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
−91
−90
dBc
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
−90
−95
dBc
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
−98
−97
dBc
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
−92
−91
dBc
TWO-TONE SFDR
fIN = 70.1 MHz (−7 dBFS ), 72.1 MHz (−7 dBFS )
25°C
93
dBc
fIN = 184.12 MHz (−7 dBFS ), 187.12 MHz (−7 dBFS )
25°C
83
dBc
CROSSTALK2
Full
90
90
dB
FULL POWER BANDWIDTH3
25°C
485
485
MHz
NOISE BANDWIDTH4
25°C
650
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2
Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.
3
Full power bandwidth is the bandwidth of operation in which proper ADC performance can be achieved.
4
Noise bandwidth is the −3 dB bandwidth for the ADC inputs across which noise can enter the ADC and is not attenuated internally.
DIGITAL SPECIFICATIONS
AVDD3 = 3.3 V, AVDD = AVDD_CLK = 1.8 V, SPIVDD = DRVDD = 1.8 V, sample rate = 310 MSPS (clock input = 1240 MHz, AD9652
divided by 4), VIN = −1.0 dBFS differential input, 2.5 V p-p full-scale input range, DCS enabled, dither disabled, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage
Full
0.3
3.6
V p-
p
Input Voltage Range
Full
AGND
AVDD_CLK
V
Internal Common-Mode Bias
Full
0.9
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
+10
+145
µA
Low Level Input Current
Full
−155
−15
µA
Input Capacitance1
Full
5
pF
Input Resistance1
Full
10
kΩ
SYNC INPUT
Logic Compliance
CMOS/LVDS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD_CLK
V
High Level Input Voltage
Full
1.2
AVDD_CLK
V
Low Level Input Voltage
Full
AGND
0.6
V
High Level Input Current
Full
−15
+110
µA
Low Level Input Current
Full
−105
+15
µA
Input Capacitance
Full
1.5
pF
Input Resistance
Full
16
kΩ
Rev. A | Page 5 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com