Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 6Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 7Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 9Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 11Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9652
Data Sheet
Rev. A | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
J
H
K
L
M
1
2
3
5
6
7
10
11
12
48
9
RBIAS
VCM
AVDD3
VIN–B
AVDD3
AVDD3
AVDD3
SENSE
VREF
VIN+B
VIN–A
VIN+A
AGND
AVDD3
AVDD3
AGND
AVDD3
AVDD3
AVDD3
AVDD3
AGND
AGND
AGND
AGND
AGND
AGND
AVDD
AGND
AVDD_
CLK
AVDD_
CLK
AVDD
AGND
AGND
AGND
AGND
AGND
CLK–
AGND
AVDD
AGND
AVDD_
CLK
AVDD_
CLK
AVDD
AGND
CSB
AGND
AGND
AGND
CLK+
AGND
AVDD
AGND
AVDD_
CLK
AVDD_
CLK
AVDD
AGND
SDIO
AGND
AGND
AGND
TEST
AGND
AVDD
AGND
AVDD_
CLK
AVDD_
CLK
AVDD
AGND
SCLK
AGND
AGND
AGND
SYNC
AGND
AVDD
AGND
AVDD
AVDD
AVDD
AGND
OR+
AGND
AGND
AGND
PDWN
AGND
AVDD
AGND
AVDD
AVDD
AVDD
AGND
OR–
AGND
AGND
AGND
D0–
D0+
DRGND
DRGND
DRGND
DRGND
DRGND
D15+
D15–
DRGND
DC0+
DRGND
D1–
D1+
DRVDD
SPIVDD
DRVDD
DRVDD
DRVDD
D14+
D14–
DRVDD
DC0–
DRVDD
D2+
D3+
D4+
D6+
D7+
D8+
D11+
D12+
D13+
D5+
D9+
D10+
D2–
D3–
D4–
D6–
D7–
D8–
D11–
D12–
D13–
D5–
D9–
D10–
AD9652
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
K5
SPIVDD
Supply
Serial Interface Logic Voltage Supply (1.8 V Typical, 3.3 V Optional)
K3, K4, K6, K7, K9, K10
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
A3, A6, A7, A10, B2, B3, B6, B7,
B10, B11
AVDD3
Supply
3.3 V Analog Power Supply (3.3 V Nominal).
C6, C7, D6, D7, E6, E7, F6, F7
AVDD_CLK
Supply
1.8 V Analog Power Supply for Clock Circuitry (1.8 V Nominal).
C3, C10, D3, D10, E3, E10, F3,
F10, G3, G6, G7, G10, H3, H6,
H7, H10
AVDD
Supply
1.8 V Analog Power Supply (1.8 V Nominal).
B1, B4, B5, B8, B9, B12, C1, C2,
C4, C5, C8, C9, C11, C12, D2,
D4, D5, D8, D9, D11, E2, E4,
E5, E8, E9, E11, F2, F4, F5, F8,
F9, F11, G2, G4, G5, G8, G9,
G11, H2, H4, H5, H8, H9, H11
AGND
Analog
Ground
Analog Ground Reference for AVDD3, AVDD_CLK, and AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com