Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 28Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 29Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 30Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 31Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 32Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 33Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 34Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 35Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
AD9652
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting system level design and layout of the AD9652, it
is recommended that the designer become familiar with these
guidelines, which describes the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9652, it is recommended that
three separate power supplies be used. AVDD3 requires a 3.3 V
supply, AVDD_CLK and AVDD require a 1.8 V supply, and
DRVDD requires a 1.8 V supply. SPIVDD is typically connected
to the same supply as DRVDD, but can be connected to a separate
supply between 1.8 V and 3.3 V to ease the interface to the logic
device that connects to the SPI pins (CLK, SDIO, and CSB).
The AVDD3 supply must be supplied from a clean 3.3 V power
source. Decoupling must be a combination of PCB plane
capacitance and decoupling capacitors to cover both high and low
frequency noise sources. Typical capacitors of 0.1 μF and 1 μF
near the AD9652 AVDD3 pins are advised.
The AVDD and AVDD_CLK supply connection must be
powered up simultaneously to achieve proper on-chip biasing;
therefore, it is recommended to connect the two supply voltages
to a single source. Similar to the AVDD3 supply, decoupling must
be a combination of PCB plane capacitance and decoupling
capacitors to cover both high and low frequency noise sources.
Typical capacitors of 0.1 μF and 1 μF near the AD9652 AVDD
and AVDD_CLK pins is advised.
The DRVDD and SPIVDD supply connection must also have
decoupling but these can be placed slightly further away from
the AD9652. DRVDD and SPIVDD can be tied together for
applications that can use a 1.8 V SPI interface logic. Optionally,
SPIVDD can be driven with a supply of up to 3.3 V to support
higher voltage logic interfaces.
Multiple large area PCB ground planes are recommended and
provide many benefits. Low impedance power and ground
planes are needed to maintain performance. Stacking power
and ground planes in the PCB provides high frequency
decoupling. Ground planes and thermal vias help dissipate heat
generated by the device. With proper decoupling and smart
partitioning of the PCB analog, digital, and clock sections,
optimum performance is easily achieved.
VCM
The VCM pin must be decoupled to ground with a 0.1 μF
capacitor, as shown in Figure 54. For optimal channel-to-channel
isolation, a 33 Ω resistor must be included between the AD9652
VCM pin and the Channel A analog input network connection,
as well as between the AD9652 VCM pin and the Channel B
analog input network connection.
RBIAS
The AD9652 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor sets the master current
reference of the ADC core and must have at least a 1% tolerance.
Reference Decoupling
Decouple the VREF pin externally to ground with a low ESR,
1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
SPI Port
The SPI port must not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9652 to keep these signals from transitioning at the converter
input pins during critical sampling periods.
Rev. A | Page 35 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com