Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 3Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 4Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 5Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 6Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 7Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 9Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9652
Rev. A | Page 7 of 36
SWITCHING SPECIFICATIONS
Table 4.
Parameter
Test Conditions/Comments
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS (CLK±)
Input Clock Rate
Full
80
1240
MHz
Conversion Rate1
Full
80
310
MSPS
Period—Divide-by-1 Mode (tCLK)
Full
3.2
ns
Pulse Width High (tCH), Minimum
Divide-by-1 Mode
DCS enabled
Full
0.8
ns
DCS disabled
Full
1.3
ns
Divide-by-2 Mode Through Divide-by-8 Mode
Full
0.8
ns
Aperture Delay (tA)
Full
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
ps rms
DATA OUTPUT PARAMETERS
LVDS Mode
Data Propagation Delay (tPD)
Full
290
ps
DCO± Propagation Delay (tDCO)
Full
290
ps
DCO±-to-Data Skew (tSKEW)
Full
0
ns
Pipeline Delay (Latency)
Full
26
Cycles
Wake-Up Time
From standby
Full
100
μs
From power-down
Full
1
sec
Out-of-Range Recovery Time
Full
3
Cycles
1 Conversion rate is the clock rate after the divider.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNC TIMING
REQUIREMENTS
tSSYNC
SYNC to the rising edge of CLK+ setup time
0.1
ns
tHSYNC
SYNC to the rising edge of CLK+ hold time
0.1
ns
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK is in a logic high state
10
ns
tLOW
Minimum period that SCLK is in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to
the SCLK falling edge (not shown in Timing Diagrams)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to
the SCLK rising edge (not shown in Timing Diagrams)
10
ns
tSPI_RST
Time required after power-up, hard or soft reset until SPI access is available (not
shown in Timing Diagrams)
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com