Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 16Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 20Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 21Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 22Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD9652
EQUIVALENT CIRCUITS
VIN±x
AVDD3
27kΩ
Figure 42. Equivalent Analog Input Circuit
0.9V
10kΩ
10kΩ
CLK+
CLK–
AVDD_CLK
AVDD
AVDD
Figure 43. Equivalent Clock lnput Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 44. Equivalent LVDS Output Circuit (DCO±, OR±, and D0± to D15±)
SDIO
350Ω
26kΩ
SPIVDD
Figure 45. Equivalent SDIO Circuit
PDWN
350Ω
26kΩ
Figure 46. Equivalent PDWN Input Circuit
26kΩ
350Ω
SPIVDD
SCLK
Figure 47. Equivalent SCLK Input Circuit
CSB
350Ω
26kΩ
SPIVDD
Figure 48. Equivalent CSB Input Circuit
AVDD_CLK
AVDD_CLK
16kΩ
0.9V
0.9V
SYNC
Figure 49. Equivalent SYNC Input Circuit
350Ω
AVDD
SENSE
Figure 50. Equivalent SENSE Circuit
6kΩ
AVDD
VREF
Figure 51. Equivalent VREF Circuit
Rev. A | Page 19 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com