Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 105Page - National Semiconductor (TI) DP83256 Datasheet HTML 106Page - National Semiconductor (TI) DP83256 Datasheet HTML 107Page - National Semiconductor (TI) DP83256 Datasheet HTML 108Page - National Semiconductor (TI) DP83256 Datasheet HTML 109Page - National Semiconductor (TI) DP83256 Datasheet HTML 110Page - National Semiconductor (TI) DP83256 Datasheet HTML 111Page - National Semiconductor (TI) DP83256 Datasheet HTML 112Page - National Semiconductor (TI) DP83256 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
60 Signal Descriptions (Continued)
POWER AND GROUND
All power pins should be connected to a single a5V power supply using the recommended filtering All ground pins should be
connected to a common 0V ground supply Bypassing and filtering requirements are given in a separate User Information
Document
Symbol
Pin
IO
Description
VCC ANALOG
32
Power
Positive 5V power supply for the PLAYERa device’s CGM VCO
GND
ANALOG
33
Ground
Power supply return for the PLAYERa device’s CGM VCO
VCC CORE
140
Power
Positive 5V power supply for the core PLAYER logic gates
GND
CORE
139
Ground
Power supply return for the core PLAYER logic gates
VCC ECL
52 57
Power
Positive 5V power supply for the PLAYERa device’s ECL logic gates
71 89
GND
ECL
58 72
Ground
Power supply return for the PLAYERa device’s ECL logic gates
88
VCC ESD
47
Power
Positive 5V power supply for the PLAYERa device’s ESD protection circuitry
GND
ESD
48
Ground
Power supply return for the PLAYERa device’s ESD protection circuitry
VCC IO
16 105
Power
Positive 5V power supply for the inputoutput buffers
131 158
GND
IO
17 104
Ground
Power supply return for the inputoutput buffers
130 157
SPECIAL CONNECT PINS
These are pins that have special connection requirements
No Connect (NC) pins should not be connected to anything This means not to power not to ground and not to each other
Reserved
0 (RES
0) pins must be connected to ground These pins are not used to supply device power so they do not need
to be filtered or bypassed
Reserved
1 (RES
1) pins must be connected to power These pins are not used to supply device power so they do not need
to be filtered or bypassed
Symbol
Pin
IO
Description
NC
38 39
No Connect
Pins should not be connected to anything This means not to power not
to ground and not to each other
40 41 42 43 44
79
80 81 87
121 122 123 124 125
126 127
149
150 151 152 153154
155 156
RES
0
28 29
Reserved 0
Pins must be connected to ground These pins are not used to supply
device power so they do not need to be filtered or bypassed
30 31
84 85 86
90 91 92 93
136
RES
1
137
Reserved 1
Pins must be connected to power These pins are not used to supply
device power so they do not need to be filtered or bypassed
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com