Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 107Page - National Semiconductor (TI) DP83256 Datasheet HTML 108Page - National Semiconductor (TI) DP83256 Datasheet HTML 109Page - National Semiconductor (TI) DP83256 Datasheet HTML 110Page - National Semiconductor (TI) DP83256 Datasheet HTML 111Page - National Semiconductor (TI) DP83256 Datasheet HTML 112Page - National Semiconductor (TI) DP83256 Datasheet HTML 113Page - National Semiconductor (TI) DP83256 Datasheet HTML 114Page - National Semiconductor (TI) DP83256 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
70 Electrical Characteristics (Continued)
DC Electrical Characteristics for All TTL-Compatible Non-TRI-STATE Outputs
The following signals are covered Clock 1632 (CLK16) Enable Pins (EP) and PMD Transmitter Enable (TXE)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH eb2mA
VCC b 05
V
VOL
Output Low Voltage
IOL e 4 mA
05
V
DC Electrical Characteristics for All TTL-Compatible TRI-STATE Outputs
The following signals are covered PHY Port Indicate Signals (AID AIC AIP BID BIC BIP)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH eb2mA
VCC b 05
V
VOL
Output Low Voltage
IOL e 4 mA
05
V
IOZ3
TRI-STATE Leakage
VOUT e VCC
60
m
A
(Note 1)
IOZ4
TRI-STATE Leakage
VOUT e VGND
b
500
m
A
(Note 1)
Note 1
Output buffer has a p-channel pullup device
DC Electrical Characteristics for All TTL-Compatible InputOutputs
The following signals are covered Control Bus Interface IO (CBD CBP)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
VIC
Input Clamp Voltage
IIN eb18 mA
b
15
V
IIL
Input Low Current
VIN e GND
b
10
m
A
IIH
Input High Current
VIN e VCC
a
10
m
A
VOH
Output High Voltage
IOH eb2mA
VCC b 05
V
VOL
Output Low Voltage
IOL e 4 mA
05
V
IOZ1
TRI-STATE Leakage
VOUT e VCC
10
m
A
IOZ2
TRI-STATE Leakage
VOUT e VGND
b
10
m
A
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com