Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 109Page - National Semiconductor (TI) DP83256 Datasheet HTML 110Page - National Semiconductor (TI) DP83256 Datasheet HTML 111Page - National Semiconductor (TI) DP83256 Datasheet HTML 112Page - National Semiconductor (TI) DP83256 Datasheet HTML 113Page - National Semiconductor (TI) DP83256 Datasheet HTML 114Page - National Semiconductor (TI) DP83256 Datasheet HTML 115Page - National Semiconductor (TI) DP83256 Datasheet HTML 116Page - National Semiconductor (TI) DP83256 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 144 page
background image
70 Electrical Characteristics (Continued)
DC Electrical Characteristics for All 100K ECL Compatible Inputs
The following signals are covered PMD Indicate Data (PMID) Receive Clock In (RXC
IN) Receive Data In (RXD
IN) and
Signal Detect (SD)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDIFF
Input Voltage Differential
(Note 1)
150
mV
VCM
Common Mode Voltage
VDIFF e 300 mV
VCC b 20
VCC b 05
V
(Notes 1 2)
IIN
Input Current
VIN e VCC or GND
b
200
200
m
A
Note 1
Both inputs of each differential pair are tested together These specifications guarantee that the inputs are compatible with standard 100K ECL voltage
level outputs
Note 2
VCM is measured from the crossover point of the 300 mV differential test input
DC Electrical Characteristics for 100K ECL Compatible Outputs
The following signals are covered PMD Request Data (PMRD) and Transmit Clock (TXC)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
VIL e VCC b 1810
VCC b 1025
VCC b 0880
V
VOL
Output Low Voltage
VIH e VCC b 0880
VCC b 1810
VCC b 1620
V
DC Electrical Characteristics for Alternate PMD ECL Outputs
The following signals are covered Receive Clock Out (RXC
OUT) and Receive Data Out (RXD
OUT)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
VIL e VCC b 1810
VCC b 1155
VCC b 0880
V
VOL
Output Low Voltage
VIH e VCC b 0880
VCC b 1810
VCC b 1550
V
(Note 3)
Note 3
It is recommended that RXC
OUTa and RXC
OUTb always be used together as a differential pair It is recommended that RXD
OUTa and
RXD
OUTb always be used together as a differential pair
Supply Current Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Total Supply
LBC1 e 125 MHz
350
mA
ECL
ICC
ECL Supply Current
LBC1 e 125 MHz
200
mA
ANALOG
ICC
ANALOG Supply Current
LBC1 e 125 MHz
20
mA
Note
The PLAYERa device has multiple pairs of differential ECL outputs that need to be terminated The additional current needed for this termination is not
included in the PLAYERa’s total supply current but can be calculated as follows
VOH max e VCC b 088V
VOL max e VCC b 162V
Since the outputs are differential the average output level is VCC b 125V The test load per output is 50X at VCC b 2V therefore the external load current
through the 50X resistor is
ILOAD e (VCC b 125) b (VCC b 2) 50
e
0015A
e
15 mA
As a result the termination for each pair of active ECL outputs typically consumes 30 mA time averaged
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com