Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 29Page - National Semiconductor (TI) DP8344 Datasheet HTML 30Page - National Semiconductor (TI) DP8344 Datasheet HTML 31Page - National Semiconductor (TI) DP8344 Datasheet HTML 32Page - National Semiconductor (TI) DP8344 Datasheet HTML 33Page - National Semiconductor (TI) DP8344 Datasheet HTML 34Page - National Semiconductor (TI) DP8344 Datasheet HTML 35Page - National Semiconductor (TI) DP8344 Datasheet HTML 36Page - National Semiconductor (TI) DP8344 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
20 CPU Description (Continued)
When the Four T-state Read mode is selected ( 4TR e 1)
a second TX state is inserted before T2 and the timing of
the read strobe READ is changed such that READ falls
one-half T-state after the beginning of the second TX
Fig-
ure 2-18 shows a Four T-state Read of data memory The
extra half T-state before READ falls allows more time for the
BCP to TRI-STATE the AD lines before the memory circuit
begins driving those lines
The four T-state program control instruction timing is shown
in
Figure 2-19 The instruction has two TX states inserted
between T1 and T2 ICLK rises at the beginning of T1 and
falls at the end of the second TX The next instruction ad-
dress becomes valid halfway through the second TX The
four T-state two word program control instruction timing is
the same as two consecutive two T-state instructions and is
shown in
Figure 2-20
This timing describes the minimum cycle time required by
each type of instruction The BCP can be slowed down by
changing the number of wait states selected in the Device
Control Register
DCR
The BCP can be programmed for
up to three instruction memory wait states (instruction wait
states) and seven data memory wait states (data wait
states) Instruction wait states affect all instruction types
while data wait states affect only data memory access in-
structions Bits three and four in DCR control the number
of instruction wait states and bits zero one and two are
used to select the number of data wait states The relation-
ships between the control bits and the number of wait states
selected are shown in Table 2-24 and Table 2-25 The BCP
is configured with three instruction wait states and seven
data wait states and 4TR set to zero after reset A write
to
DCR 43
to change the number of instruction wait
states takes effect on the following instruction if that instruc-
tion is a three T-state or four T-state program control in-
struction For the other instruction types the new number of
instruction wait states will take effect on the instruction fol-
TLF9336 – H5
FIGURE 2-18 Four T-state Data Memory Read Instruction 4TR e 1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com