Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 35Page - National Semiconductor (TI) DP8344 Datasheet HTML 36Page - National Semiconductor (TI) DP8344 Datasheet HTML 37Page - National Semiconductor (TI) DP8344 Datasheet HTML 38Page - National Semiconductor (TI) DP8344 Datasheet HTML 39Page - National Semiconductor (TI) DP8344 Datasheet HTML 40Page - National Semiconductor (TI) DP8344 Datasheet HTML 41Page - National Semiconductor (TI) DP8344 Datasheet HTML 42Page - National Semiconductor (TI) DP8344 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
20 CPU Description (Continued)
TLF9336 – F1
FIGURE 2-28 Three T-state Program Control Instruction WAIT Timing
TLF9336 – F2
FIGURE 2-29 Four T-state Program Control Instruction WAIT Timing
LOCK is another input which affects BCP instruction timing
LOCK prevents the BCP from accessing data memory
When asserted low LOCK will cause the BCP to wait when
it executes a data memory access instruction The BCP will
be waited until LOCK is taken high To prevent a given ac-
cess of data memory LOCK must be asserted low one-half
T-state prior to the beginning of the instruction accessing
data memory
Figure 2-30 shows LOCK being used to wait a
write to data memory LOCK falls prior to the falling edge of
CPU-CLK before T1 In order to guarantee at least one wait
state LOCK is held low until after the falling edge of CPU-
CLK in T1 This causes the insertion of TW into the cycle
prior to TX ALE remains high and the address is delayed on
AD until LOCK is removed After LOCK rises the access
concludes normally with ALE falling halfway through TX and
WRITE occurring during T2 Note that LOCK waits the ac-
cess at a different point in the cycle than programmed wait
states or WAIT Additional wait states could occur from
these sources prior to T2
Figure 2-31 shows an example of
LOCK holding off a write to data memory with one pro-
grammed wait state
With timing similar to LOCK the BCP will be delayed from
making a data memory access by an access from the re-
mote system If the remote system is accessing the Remote
Interface Configuration register
RIC
or data memory the
BCP will be waited by the Remote Interface and Arbitration
System RIAS until the remote access is finished The
length of time the BCP is waited depends on the speed of
the remote system and the type of remote access The wait
states are added prior to TX in the same manner as for
LOCK shown in
Figure 2-30 A more detailed description of
the operation of RIAS can be found in Section 40 Remote
Interface and Arbitration System
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com