Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 18Page - National Semiconductor (TI) DP8344 Datasheet HTML 19Page - National Semiconductor (TI) DP8344 Datasheet HTML 20Page - National Semiconductor (TI) DP8344 Datasheet HTML 21Page - National Semiconductor (TI) DP8344 Datasheet HTML 22Page - National Semiconductor (TI) DP8344 Datasheet HTML 23Page - National Semiconductor (TI) DP8344 Datasheet HTML 24Page - National Semiconductor (TI) DP8344 Datasheet HTML 25Page - National Semiconductor (TI) DP8344 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
20 CPU Description (Continued)
Integer Arithmetic Instructions
The integer arithmetic instructions operate on 8-bit signed
(two’s complement) binary numbers Two arithmetic func-
tions are supported Add and Subtract Three versions of
the Add and Subtract instructions exist operand g accumu-
lator operand g accumulator g carry and immediate oper-
and g operand The first two versions support both the reg-
ister and indexed addressing modes for the destination op-
erand These two versions also allow the specification of a
separate register or data address for the destination oper-
and so that the sources may retain their integrity (ie true
three-operand instructions) Note that the currently active
‘‘B’’ register bank selects which accumulator is used in
these instructions The third version immediate operand g
operand only supports the register addressing mode for the
destination operand with the register as both a source and
the destination Table 2-6 lists the integer arithmetic instruc-
tions along with their variations
Logic Instructions
The logic instructions operate on 8-bit binary data A full set
of logic functions is supported by the BCP AND OR eXclu-
sive OR and Complement All the logic functions except
complement allow either an immediate operand or the cur-
rently active accumulator as an implied operand Comple-
ment only allows one register operand which is both the
source and destination The other logic instructions include
the following addressing modes register indexed and im-
mediate As with the integer arithmetic instructions the in-
tegrity of the sources may be maintained by specifying a
destination register which is different from the source Table
2-7 lists all the logic instructions
TABLE 2-6 Integer Arithmetic Instructions
Syntax
Instruction Operation
Addressing Modes
ADD
n rsd
register a n
x register
Immediate Limited Register
ADDA
Rs Rd
Rs a accumulator
x Rd
Register Register
ADDA
Rs mlr
Rs a accumulator
x data memory
Register Indexed
ADCA
Rs Rd
Rs a accumulator a carry
x Rd
Register Register
ADCA
Rs mlr
Rs a accumulator a carry
x data memory
Register Indexed
SUB
n rsd
register b n
x register
Immediate Limited Register
SUBA
Rs Rd
Rs b accumulator
x Rd
Register Register
SUBA
Rs mlr
Rs b accumulator
x data memory
Register Indexed
SBCA
Rs Rd
Rs b accumulator b carry
x Rd
Register Register
SBCA
Rs mlr
Rs b accumulator b carry
x data memory
Register Indexed
TABLE 2-7 Logic Instructions
Syntax
Instruction Operation
Addressing Modes
AND
n rsd
register
n
x register
Immediate Limited Register
ANDA
Rs Rd
Rs
accumulator
x Rd
Register Register
ANDA
Rs mlr
Rs
accumulator
x data memory
Register Indexed
OR
n rsd
register
l n x register
Immediate Limited Register
ORA
Rs Rd
Rs
l accumulator x Rd
Register Register
ORA
Rs mlr
Rs
l accumulator x data memory
Register Indexed
XOR
n rsd
register Z n
x register
Immediate Limited Register
XORA
Rs Rd
Rs Z accumulator
x Rd
Register Register
XORA
Rs mlr
Rs Z accumulator
x data memory
Register Indexed
CPL
Rsd
register
x register
Register
Note
e
logical AND operation
l e logical OR operation
Z e
logical exclusive OR operation
r e one’s complement
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com