Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 59Page - National Semiconductor (TI) DP8344 Datasheet HTML 60Page - National Semiconductor (TI) DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) DP8344 Datasheet HTML 63Page - National Semiconductor (TI) DP8344 Datasheet HTML 64Page - National Semiconductor (TI) DP8344 Datasheet HTML 65Page - National Semiconductor (TI) DP8344 Datasheet HTML 66Page - National Semiconductor (TI) DP8344 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
TABLE 4-1 RIAS Inputs and Outputs
Signal
InOut
Pin
Reset
Function
State
CMD
In
45
X
C
oMmanD input When high remote accesses are directed to the
Remote Interface Configuration register
RIC
When low remote
accesses are directed to Data Memory Instruction Memory or the
Program Counter as determined by RIC 10
LCL
Out
31
0
L
oCaL Normally low goes high when the BCP relinquishes the data
and address bus to service a remote access
LOCK
In
44
X
Asserting this input Low will LOCK out local (BCP) accesses to Data
Memory Once the remote processor has been granted the bus
LOCK gives it sole access to the bus and BCP accesses are
‘‘waited’’
RAE
In
46
X
R
emote Access Enable Setting this input low allows host access of
BCP functions and memory
REM-RD
In
47
X
REM
ote ReaD When low along with RAE a remote read cycle is
requested serviced by the BCP when the data bus becomes
available
REM-WR
In
48
X
REM
ote WRite When low along with RAE a remote write cycle is
requested serviced by the BCP when the data bus becomes
available
WR-PEND
Out
49
1
WR
ite PENDing In a system configuration where remote write
cycles are latched WR-PEND will go low indicating that the latches
contain valid data which have yet to be serviced by the BCP
XACK
Out
50
1
Transfer ACKnowledge Normally high goes low on REM-RD or
REM-WR going low (if RAE low) returning high when the transfer is
complete Normally used as a ‘‘wait’’ signal to a remote processor
(In the Latched Write mode XACK will only transition if a second
remote access begins before the first one completes)
WAIT
In
54
X
Asserting this input low will add wait states to both remote accesses
and to the BCP instruction cycle WAIT will extend a remote access
until it is set high
76
5
4
3
2
1
0
BIS SS FBW LR LW STRT MS1 MS0 RIC
BIS
Bidirectional Interrupt Status
SS
Single-Step
FBW
Fast Buffered Write mode
LR
Latched Read mode
LW
Latched Write mode
STRT
BCP CPU startstop
MS1 – 0
Memory Selection
FIGURE 4-2 Remote Interface Control Register
411 Remote Arbitration Phases
The BCP CPU and RIAS share the internal CPU-CLK This
clock is derived from the X1 crystal input It can be divided
by two by setting CCS e 1in DCR or run undivided by
setting CCS e 0 The frequency at which the Remote
Processor is run need not bear any relationship to the CPU-
CLK A remote access is treated as an asynchronous event
and data is handshaked between the Remote Processor
and the BCP
The two key handshake signals involved in the BCPRP
interface are Transfer Acknowledge (XACK) and Local
(LCL) Internally two more signals control the access tim-
ing INT-READ and INT-WRITE The timing for a generic
Remote Access is shown in
Figure 4-3 A remote access is
TLF9336 – 20
FIGURE 4-3 Generic Remote Access (RAE e 0)
initiated by the RP asserting REM-RD or REM-WR with RAE
low There is no set-uphold time relationship between RAE
and REM-RD or REM-WR These signals are internally gat-
ed together such that if RAE (REM-RD a REM-WR) is true
a remote access will begin A short delay later XACK will
fall This signal can be fed back to the RP’s wait line to
extend its read or write cycle if necessary When the BCP’s
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com