Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8344 Datasheet HTML 1Page - National Semiconductor (TI) DP8344 Datasheet HTML 2Page - National Semiconductor (TI) DP8344 Datasheet HTML 3Page - National Semiconductor (TI) DP8344 Datasheet HTML 4Page - National Semiconductor (TI) DP8344 Datasheet HTML 5Page - National Semiconductor (TI) DP8344 Datasheet HTML 6Page - National Semiconductor (TI) DP8344 Datasheet HTML 7Page - National Semiconductor (TI) DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
TLF9336
November 1991
DP8344B Biphase Communications ProcessorBCP
General Description
The DP8344B BCP is a communications processor de-
signed to efficiently process IBM
3270 3299 and 5250
communications protocols A general purpose 8-bit protocol
is also supported
The BCP integrates a 20 MHz 8-bit Harvard architecture
RISC processor and an intelligent software-configurable
transceiver on the same low power microCMOS chip The
transceiver is capable of operating without significant proc-
essor interaction releasing processor power for other tasks
Fast and flexible interrupt and subroutine capabilities with
on-chip stacks make this power readily available
The transceiver is mapped into the processor’s register
space communicating with the processor via an asynchro-
nous interface which enables both sections of the chip to
run from different clock sources The transmitter and receiv-
er run at the same basic clock frequency although the re-
ceiver extracts a clock from the incoming data stream to
ensure timing accuracy
The BCP is designed to stand alone and is capable of imple-
menting a complete communications interface using the
processor’s spare power to control the complete system
Alternatively the BCP can be interfaced to another proces-
sor with an on-chip interface controller arbitrating access to
data memory Access to program memory is also possible
providing the ability to download BCP code
A simple line interface connects the BCP to the communica-
tions line The receiver includes an on-chip analog compar-
ator suitable for use in a transformer-coupled environment
although a TTL-level serial input is also provided for applica-
tions where an external comparator is preferred
A typical system is shown below Both coax and twinax line
interfaces are shown as well as an example of the (option-
al) remote processor interface
Features
Transceiver
Y
Software configurable for 3270 3299 5250 and general
8-bit protocols
Y
Fully registered status and control
Y
On-chip analog line receiver
Processor
Y
20 MHz clock (50 ns T-states)
Y
Max instruction cycle 200 ns
Y
33 instruction types (50 total opcodes)
Y
ALU and barrel shifter
Y
64k x 8 data memory address range
Y
64k x 16 program memory address range
(note typical system requires k2k program memory)
Y
Programmable wait states
Y
Soft-loadable program memory
Y
Interrupt and subroutine capability
Y
Stand alone or host operation
Y
Flexible bus interface with on-chip arbitration logic
General
Y
Low power microCMOS typ ICC e 25 mA at 20 MHz
Y
84-pin plastic leaded chip carrier (PLCC) package
Block Diagram
Typical BCP System
TLF9336 – 51
FIGURE 1
BCP
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
IBM
is a registered trademark of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8344

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP83 ETC-DP83 Datasheet
515Kb / 4P
DP83 Series Filter Elements
Rev.8
DP83-150-GF-B-W ETC-DP83-150-GF-B-W Datasheet
515Kb / 4P
DP83 Series Filter Elements
Rev.8
DP83-150-GF-V-W ETC-DP83-150-GF-V-W Datasheet
515Kb / 4P
DP83 Series Filter Elements
Rev.8
DP83-150-HF-B-W ETC-DP83-150-HF-B-W Datasheet
515Kb / 4P
DP83 Series Filter Elements
Rev.8
DP83-150-HF-V-W ETC-DP83-150-HF-V-W Datasheet
515Kb / 4P
DP83 Series Filter Elements
Rev.8
More results

Similar Description - DP8344

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32355 IDT-79RC32355 Datasheet
987Kb / 47P
Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
logo
Merrimac Industries, In...
BEM-2A-250 MERRIMAC-BEM-2A-250 Datasheet
258Kb / 1P
BIPHASE MODULATORS
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
BIPHASE MODULATORS
BPG-2B-505 MERRIMAC-BPG-2B-505 Datasheet
71Kb / 1P
BIPHASE MODULATOR
BPP-2N-500 MERRIMAC-BPP-2N-500 Datasheet
144Kb / 1P
BIPHASE MODULATORS
BTF-2A-500 MERRIMAC-BTF-2A-500 Datasheet
76Kb / 1P
BIPHASE MODULATOR
BTM-2A-250 MERRIMAC-BTM-2A-250 Datasheet
113Kb / 1P
BIPHASE MODULATOR
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
QorIQ Integrated Multicore Communications Processor
logo
NXP Semiconductors
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com