Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 93Page - National Semiconductor (TI) DP8344 Datasheet HTML 94Page - National Semiconductor (TI) DP8344 Datasheet HTML 95Page - National Semiconductor (TI) DP8344 Datasheet HTML 96Page - National Semiconductor (TI) DP8344 Datasheet HTML 97Page - National Semiconductor (TI) DP8344 Datasheet HTML 98Page - National Semiconductor (TI) DP8344 Datasheet HTML 99Page - National Semiconductor (TI) DP8344 Datasheet HTML 100Page - National Semiconductor (TI) DP8344 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 184 page
background image
50 Device Specifications (Continued)
55 SWITCHING CHARACTERISTICS
The following specifications apply for VCC e 45V to 55V
TA e 0 Cto70 C
551 Definitions
The timing specifications for the BCP are provided in the
following tables and figures The tables consist of five sec-
tions which are the following the timing parameter symbol
the parameter ID
the parameter description the formula
for the parameter and the timing specification for the pa-
rameter Below each table is a figure containing the wave-
forms for the parameters in the table
The parameter symbol is composed of the type of timing
specification and the signal or signals involved Note that
the symbols are unique only within a given table The follow-
ing symbol conventions are used for the type of timing spec-
ification
tW
Pulse width specification
tPD
Propagation delay specification
tH
Hold time specification
tSU
Setup time specification
tZA
High impedance to active delay specification
(enable time)
tAZ
Active to high impedance delay specification
(disable time)
tACC
Access time specification
tT
Clock period specification
The parameter ID
is used to cross reference the timing
parameter to the appropriate timing relationship in the ac-
companying figure The waveforms in the figures are shown
with the CPU clock running full speed ( CCS e 0) For this
case CPU-CLK and CLK-OUT are equivalent If CPU-CLK
2 is selected ( CCS e 1) the effect on the waveforms with
CLK-OUT is for CLK-OUT to double in frequency The same
is true for waveforms with X1 Note that CLK-OUT is always
running at the crystal frequency and it is the CPU-CLK that
is changing to half speed
The parameter description defines the timing relationship
being specified BCP pin references are capitalized in the
description
Many of the timing specifications are dependent on vari-
ables such as operating frequency and number of pro-
grammed wait states The formula for the parameter allows
an accurate timing specification to be calculated for any
combination of these variables The formula represents the
part of the timing specification that is synchronized to the
internal CPU clock This value is calculated and then added
to the value specified under the Min or Max column to cre-
ate the minimum or maximum guaranteed timing specifica-
tion for the parameter
The following acronyms are used in the tables
DMEM refers to data memory
IMEM refers to instruction memory
RIC refers to the Remote Interface Control register
PC refers to the BCP Program Counter
T refers to the CPU clock period in ns
TH refers to first half pulse width (high time) of the CPU
clock in ns
TL refers to second half pulse width (low time) of the
CPU clock in ns
C refers to the transceiver clock period in ns
nIW is the number of instruction memory wait states pro-
grammed in DCR
nDW is the number of data memory wait states pro-
grammed in DCR
nLW is the number of remote wait states due to a BCP
local data memory access
nRW is the number of CPU wait states due to a remote
access
MAX(AB) means take the greater value of A or B
The following table is an example of the format used for the
timing specifications In this example tW-RD indicates a
pulse width specification for the output pin READ The ID
for locating the parameter in the timing waveforms is 10
The formula for this specification involves data and instruc-
tion memory wait states and the CPU clock period For the
case of 3 data memory wait states and 0 instruction memory
wait states and a CPU clock period of 50 ns the READ low
minimum pulse width would be calculated as
(MAX(30b1)a1)Ta(b10) e 4T b 10 e 190 ns
For the case of 1 data memory wait state and 3 instruction
memory wait states and a CPU clock period of 50 ns the
READ low minimum pulse width would be calculated as
(MAX(13b1)a1)Ta(b10) e 3T b 10 e 140 ns
To calculate nLW the following two equations are needed
nLW (min) e 0
nLW (max) e MAX(nDW nIW–1)aData Memory Access Cy-
cle
Data Memory Access Cycle is normally 3 T-states if 4TR
e
0 and 4 T-states if 4TR e 1 Keep in mind that both
LOR and WAIT can extend nLW
Symbol
ID
Parameter
Formula
Min
Max
Units
tW-RD
10
Read Low
(MAX(nDW nIWb1)a1)Tab10
10
ns
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com