Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) DP8344 Datasheet HTML 10Page - National Semiconductor (TI) DP8344 Datasheet HTML 11Page - National Semiconductor (TI) DP8344 Datasheet HTML 12Page - National Semiconductor (TI) DP8344 Datasheet HTML 13Page - National Semiconductor (TI) DP8344 Datasheet HTML 14Page - National Semiconductor (TI) DP8344 Datasheet HTML 15Page - National Semiconductor (TI) DP8344 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
10 Communications Processor Introduction (Continued)
ALUMUX and then placed on the destination bus This
data is then stored into the appropriate destination register
Figures 1-6b and 1-6c show the data path for data memory
accesses For a WRITE operation the source register con-
tents follow the same path through the ALUMUX but the
Destination bus is routed to output pins and on to data
memory For a READ operation incoming data is routed
onto the Destination bus by the ALUMUX and then stored
in a register The address for all data memory accesses is
provided by one of four 16-bit index registers which can
operate in a variety of automatic increment and decrement
modes
Transfer of the data byte between the CPU and the Trans-
ceiver is accomplished through a register location This reg-
ister
RTR
appears as a normal CPU register but writing
to it automatically transfers data to the transmitter FIFO
and reading from it retrieves data from the receiver FIFO
These paths are illustrated in
Figures 1-6d and 1-6e
It is also possible to load immediate data into a CPU regis-
ter This data is supplied by the program and is usually a
constant such as a pointer or character As shown in
Figure
1-6f a portion of the Instruction bus is routed through the
ALUMUX for this purpose
15 REMOTE INTERFACE AND ARBITRATION SYSTEM
INTRODUCTION
The BCP is designed to serve as a complete stand alone
communications interface Alternately it can be interfaced
with another processor by means of the Remote Interface
and Arbitration System Communication between the BCP
and the remote processor is possible by sharing data mem-
ory Harvard architecture allows the remote system to ac-
cess any BCP data memory location while the BCP contin-
ues to fetch and execute instructions thereby minimizing
performance degradation
Figure 1-7 shows a simplified remote processor interface
This includes tri-state buffers on the address and data bus-
es of the BCP’s Data Memory and all of the control and
handshaking signals required to communicate between the
BCP and the host system
There is an 8-bit control register Remote Interface Control
RIC
accessible only to the remote system which is used
to control a variety of features including the types of memo-
ry accesses interface speeds single step program execu-
tion CPU startstop instruction memory loads and so forth
Detailed information on all interface options is provided in
the section on Remote Interface and Arbitration System
and in the related Reference section
TLF9336 – C9
FIGURE 1-7 Basic Remote Interface
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com