Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 45Page - National Semiconductor (TI) DP8344 Datasheet HTML 46Page - National Semiconductor (TI) DP8344 Datasheet HTML 47Page - National Semiconductor (TI) DP8344 Datasheet HTML 48Page - National Semiconductor (TI) DP8344 Datasheet HTML 49Page - National Semiconductor (TI) DP8344 Datasheet HTML 50Page - National Semiconductor (TI) DP8344 Datasheet HTML 51Page - National Semiconductor (TI) DP8344 Datasheet HTML 52Page - National Semiconductor (TI) DP8344 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 184 page
background image
30 Transceiver (Continued)
even word parity on the previous 12 bits Following the pari-
ty bit 3 biphase ‘‘0’’ fill bits (B0 – B2) are transmitted Follow-
ing these required fill bits up to 240 additional fill bits can be
inserted between frames before the next sync bit and the
start of the next frame of a multi-byte message The bit rate
on the twinax line is 1 MHz
3114 General Purpose 8-Bit
The framing format of the general purpose 8-bit protocol is
shown in
Figure 3-5 for both single and multi-frame mes-
sages It is identical to that used by the National Semicon-
ductor DP8342 transmitter and DP8343 receiver chips
Each message begins with a starting sequence and ends
with an ending sequence as shown in
Figures 3-2(b) and
(c) A 10-bit frame is employed consisting of the sync bit
(B1) an 8-bit data byte (B2 – B9) (LSB first) and the last bit
of the frame (B10) representing even word parity on the
previous 9 bits For multiplexed applications the first frame
can be designated as an address frame with all 8 bits avail-
able for the logical address (See General Purpose 8-bit
Modes in this section)
32 TRANSCEIVER FUNCTIONAL DESCRIPTION
A block diagram of the transceiver revealing external inputs
and outputs and details of the CPU interface is shown in
Figure 3-6 The transmitter and receiver are largely indepen-
dent of each other sharing only the clock reset and proto-
col select signals The transceiver is mapped into the CPU
register space thus the status of the transceiver can always
be polled In addition the CPUTransceiver interface can be
configured for an interrupt-driven environment (See Trans-
ceiver Interrupts in this section)
Both transmitter and receiver are reset by a common Trans-
ceiver Reset bit TRES allowing the CPU to independently
reset the transceiver at any time The Transceiver is also
reset whenever the CPU reset is asserted including the re-
quired power-up reset When
TRES
is asserted both
transmitter and receiver FIFO’s are emptied resulting in the
Transmit FIFO Empty flag TFE being asserted and the
Data Available flag DAV cleared Other flags cleared by
TRES are Transmit FIFO Full TFF and Transmitter Ac-
tive TA in the transmitter and Line Active LA
Receiver
Active RA Receiver Error RE Receive FIFO Full RFF
Data Error or Message End DEME
POLL
ACK
and
RAR command flags in the receiver When TRES is as-
serted external pin TX-ACT is cleared DATA-DLY goes to a
state equal to the complement of Transmitter INvert TIN in
TMR
and DATA-OUT goes into a state equal to the com-
plement of TIN exclusive or’ed with the Advance Transmit-
ter Active ATA in TCR
In other words when TRES is
asserted DATA-DLY e TIN
and DATA-OUT e TIN Z
ATA
When TRES is asserted under software control it
is necessary to wait at least one instruction after asserting
TRES before seeing the resulting reset state of the affect-
ed flags in the CPU The transmitter and receiver are
clocked by a common Transceiver Clock TCLK at a fre-
quency equal to eight times the required serial data rate
TCLK can either be obtained from the on-chip oscillator di-
vided by 1 2 or 4 or from an external clock applied to the
X-TCLK pin TCLK selection is controlled by two Transceiv-
er Clock Select bits
TCS 1 – 0 located in the Device Con-
trol Register
DCR
TCS 1 – 0 should only be changed
when the transceiver is inactive
Since the TCLK source can be asynchronous with respect
to the CPU clock the CPUTransceiver interface can be
asynchronous All flags from the Transceiver are therefore
latched at the start of all instructions and parallel data is
transferred through 3 word FIFOs in both the transmitter
and receiver
Protocol selection is controlled by three Protocol Select
bits
PS2–0 in the Transceiver Mode Register
TMR
(see Table 3-1) Enough flexibility is provided for the BCP to
operate in all required positions in the network It is not pos-
TLF9336 – 42
(a) 8-Bit Single-Byte Message
TLF9336 – 43
(b) 8-Bit Multi-Byte Message
FIGURE 3-5 General Purpose 8-Bit Protocol Framing Format
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com