Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 5Page - National Semiconductor (TI) DP8344 Datasheet HTML 6Page - National Semiconductor (TI) DP8344 Datasheet HTML 7Page - National Semiconductor (TI) DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) DP8344 Datasheet HTML 10Page - National Semiconductor (TI) DP8344 Datasheet HTML 11Page - National Semiconductor (TI) DP8344 Datasheet HTML 12Page - National Semiconductor (TI) DP8344 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
10 Communications Processor Introduction (Continued)
12 INTERNAL ARCHITECTURE INTRODUCTION
The DP8344B Biphase Communications Processor (BCP) is
divided into three major functional blocks the Transceiver
the Central Processing Unit (CPU) and the Remote Inter-
face and Arbitration System RIAS
Figure 1-3 shows how
these blocks are related to each other and to other system
components
The transceiver consists of an asynchronous transmitter
and receiver which can communicate across a serial data
path The transmitter takes parallel data from the CPU and
appends to it the appropriate framing information The re-
sulting message is shifted out and is available as a serial
data stream on two output pins The receiver shifts in serial
messages strips off the framing information and makes the
data available in parallel form to the CPU The framing infor-
mation supplied by the BCP provides the proper message
format for several popular communication protocols These
include IBM 3270 3299 and 5250 as well as a general
purpose 8-bit mode
The transceiver clock may be derived from the internal os-
cillator either directly or through internal divide-down circuit-
ry There is also an input for an external transceiver clock
thus allowing complete flexibility in the choice of data rates
The receiver input can come from three possible sources
There is a built-in differential amplifier which is suitable for
most line interfaces a single-ended digital input for use with
an external comparator and an internal loopback path for
self testing Refer to the Transceiver section for a detailed
description of all transmitter and receiver functions and to
the application note on coax interfaces for the proper use of
the differential amplifier
The CPU is a general purpose 8-bit microprocessor capa-
ble of 20 MHz operation It has a reduced instruction set
which is optimized for transceiver and data handling per-
formance It also has a full function arithmeticlogic unit
(ALU) which performs addition subtraction Boolean opera-
tions rotations and shifts Separate instruction and data
memory systems are supported each with 16-bit address
buses for a total of 64k address space in each
There are 44 internal registers accessible to the CPU
These include special configuration and control registers for
the transceiver and processor four 16-bit indices to data
memory and 20 8-bit general purpose registers There is
also a 16-bit timer and a 16-byte deep LIFO data stack
which are accessible in the register address space For
more detailed information see the specific sections on the
Register set the Timer and the ALU
The BCP can operate independently or with another proces-
sor as the host system If such a system is required com-
munication with the BCP is possible by sharing data memo-
ry The Remote Interface controls bus arbitration and ac-
cess to data memory as well as program up-loading and
execution For example it is possible for a host system to
load the BCP’s instruction memory and begin program exe-
cution then pass data back and forth through data memory
accesses The section on the Remote Interface and Arbitra-
tion System provides all of the necessary timing and control
information to implement an interface between a BCP and a
remote system
As shown in
Figure 1-4 the BCP uses two entirely separate
memory systems one for program storage and the other for
data storage This type of memory arrangement is referred
to as Harvard architecture Each system has 16 address
lines for a maximum of 64k words in each and its own set
of data lines The instruction (program) memory is two bytes
(16 bits) wide and the data memory is one byte (8 bits)
wide
In order to reduce the number of pins required for these
signals the address and data lines for data memory are
multiplexed together This requires an external latch and the
Address Latch Enable signal (ALE) for de-multiplexing
TLF9336 – B9
FIGURE 1-3 Simplified Block Diagram
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com