Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 7Page - National Semiconductor (TI) DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) DP8344 Datasheet HTML 10Page - National Semiconductor (TI) DP8344 Datasheet HTML 11Page - National Semiconductor (TI) DP8344 Datasheet HTML 12Page - National Semiconductor (TI) DP8344 Datasheet HTML 13Page - National Semiconductor (TI) DP8344 Datasheet HTML 14Page - National Semiconductor (TI) DP8344 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 184 page
background image
10 Communications Processor Introduction (Continued)
14 DATA FLOW
The CPU registers are all dual port that is they have sepa-
rate input and output paths This arrangement allows a sin-
gle register to function as both a source and a destination
within the same instruction
Figures 1-6a through 1-6f show the internal data flow path
for the BCP The CPU registers are a central element to this
path When a register functions as an output its contents
are placed on the Source bus When a register is an input
data from the Destination bus is written into that register
The other key element in the data path is the ALU This unit
does all of the arithmetic and data manipulation operations
but it also has bus multiplexing capabilities Both the Data
Memory bus and a portion of the Instruction Memory bus
are routed to this unit and serve as alternative sources of
data Since the data flow is always through this unit most
data moves may include arithmetic manipulations with no
penalty in execution time
Figure 1-6a shows the data path for all arithmetic instruc-
tions and register to register moves The source register
contents are placed on the Source bus routed through the
TLF9336 – C3
TLF9336 – C4
TLF9336 – C5
FIGURE 1-6a Register to Register
FIGURE 1-6b Data Memory WRITE
FIGURE 1-6c Data Memory READ
TLF9336 – C6
TLF9336 – C7
TLF9336 – C8
FIGURE 1-6d WRITE to Transmitter
FIGURE 1-6e READ from Receiver
FIGURE 1-6f Load Immediate Data
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com