Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 48Page - National Semiconductor (TI) DP8344 Datasheet HTML 49Page - National Semiconductor (TI) DP8344 Datasheet HTML 50Page - National Semiconductor (TI) DP8344 Datasheet HTML 51Page - National Semiconductor (TI) DP8344 Datasheet HTML 52Page - National Semiconductor (TI) DP8344 Datasheet HTML 53Page - National Semiconductor (TI) DP8344 Datasheet HTML 54Page - National Semiconductor (TI) DP8344 Datasheet HTML 55Page - National Semiconductor (TI) DP8344 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 184 page
background image
30 Transceiver (Continued)
321 Transmitter
The transmitter accepts parallel data from the CPU formats
it according to the desired protocol and transmits it as a
serial biphase-encoded bit stream A block diagram of the
transmitter logic is shown in
Figure 3-6 Two biphase out-
puts DATA-OUT DATA-DLY and the external line driver
enable TX-ACT provide the data and control signals for the
external line interface circuitry The two biphase outputs are
valid only when TX-ACT is asserted (high) and provide the
necessary phase relationship to generate the ‘‘predistor-
tion’’ waveform common to all of the transceiver protocols
See
Figure 3-7 for the timing relationships of these outputs
as well as the output of the line driver For a recommended
32703299 coax interface see Section 3251 3270 Line
Interface For a recommended 5250 twinax interface see
Section 3252 5250 Line Interface
The capability is provided to invert DATA-OUT and DATA-
DLY via the Transmitter Invert bit
TIN
located in the
Transceiver Mode Register
TMR
In addition the timing
relationship between TX-ACT and the two biphase outputs
can be modified with the Advance Transmitter Active con-
trol ATA When ATA is cleared low (the power-up condi-
tion) the transmitter generates exactly five line quiesce bits
at the start of each message as shown in
Figure 3-7 If
ATA is asserted high the transmitter generates a sixth line
quiesce bit adding one biphase bit time to the start se-
quence transmission The line driver enable TX-ACT is as-
serted halfway through this bit time allowing an additional
half-bit to precede the first full line quiesce of the transmit-
ted waveform Also the state of DATA-DLY is such that no
predistortion results on the line during this first half line
quiesce This modified start sequence is depicted in the dot-
ted lines shown in
Figure 3-7 and is used to limit the initial
transient voltage amplitude when the message begins
Data is loaded into the transmitter by writing to the Receive
Transmit Register RTR
causing the first location of the
FIFO to be loaded with a 12-bit word (8 bits from RTR and
4 bits from the Transceiver Command Register TCR
The
data byte to be transmitted is loaded into
RTR
and
TCR contains additional information required by the pro-
tocol It is important to note that if TCR is to be changed
it must be loaded before RTR
A multi-frame transmission
is accomplished by sequentially loading the FIFO with the
required data the transmitter taking care of all necessary
frame formatting
If the FIFO was previously empty indicated by the Transmit
FIFO Empty flag TFE being asserted the first word loaded
into the FIFO will asynchronously propagate to the last loca-
tion in approximately 40 ns leaving the first two locations
empty It is therefore possible to load up the FIFO with three
sequential instructions at which time the Transmit FIFO Full
flag TFF will be asserted If RTR is written while TFF is
high the first location of the FIFO will be over-written and
that data will be destroyed
When the first word is loaded into the FIFO the transmitter
starts up from idle asserting TX-ACT and the Transmitter
Active flag TA
and begins generating the start sequence
After a delay of approximately 16 TCLK cycles (2 biphase
bit times) the word in the last location of the FIFO is loaded
into the encoder and prepared for transmission If the FIFO
was full
TFF will be de-asserted when the encoder is
loaded allowing an additional word to be loaded into the
FIFO
When the last word in the FIFO has been loaded into the
encoder TFE goes high indicating that the FIFO is empty
To ensure the continuation of a multi-frame message more
data must then be loaded into the FIFO before the encoder
starts the transmission of the last bit of the current frame
(the frame parity bit for 3270 3299 and 8-bit modes the
last of the three mandatory fill bits for 5250) This maximum
load time from TFE can be calculated by subtracting two
from the number of bits in each frame of the respective
protocol and multiplying that result by the bit rate This
number represents the best case time to loadthe worst
case value is dependent on CPU performance Since the
CPU samples the transceiver flags and interrupts at instruc-
tion boundaries the CPU clock rate wait states (from pro-
grammed wait states asserting the WAIT pin or remote ac-
cess cycles) and the type of instruction currently being exe-
cuted can affect when the flag or interrupt is first presented
to the CPU
If there is no further data to transmit (or if the load window is
missed) the ending sequence (327032998-bit) is generat-
ed and the transmitter returns to idle de-asserting TX-ACT
and TA
In 5250 mode the three required fill bits are sent
and TX-ACT and TA are de-asserted at a time dependent
on the value of bits 7 through 3 of the Auxiliary Transceiver
Register ATR
If ATR 7–3
e
00000 TX-ACT and TA
are de-asserted at the end of the third required fill bit result-
ing in no additional ‘‘line hold’’ at the end of the message
Each increment of ATR 7–3
results in an additional half
bit time of line hold up to a maximum of 155 bit times
Data should not be loaded into the FIFO after the transmit-
ter is committed to ending the message and before the TA
flag is deasserted If this occurs the load will be missed by
the transmitter control logic and the word(s) will remain in
the FIFO This condition exists when TA and TFE are
both low at the same time and can be cleared by resetting
the transceiver (asserting TRES ) or by loading more data
into the FIFO in which case the first frame(s) transmitted
will contain the word(s) left in the FIFO from the previous
message
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com