Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 12Page - National Semiconductor (TI) DP8344 Datasheet HTML 13Page - National Semiconductor (TI) DP8344 Datasheet HTML 14Page - National Semiconductor (TI) DP8344 Datasheet HTML 15Page - National Semiconductor (TI) DP8344 Datasheet HTML 16Page - National Semiconductor (TI) DP8344 Datasheet HTML 17Page - National Semiconductor (TI) DP8344 Datasheet HTML 18Page - National Semiconductor (TI) DP8344 Datasheet HTML 19Page - National Semiconductor (TI) DP8344 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 184 page
background image
20 CPU Description (Continued)
Just as TF10 – 8 bits get pushed onto the transmitter FIFO
when a write to
RTR
occurs the Receiver FIFO bits
RF10 – 8
in the Transceiver Status Register
TSR
re-
flect the state of the top word of the receive FIFO
TSR
also contains flags that show Transmit FIFO Full
TFF
Transmitter Active TA Receiver Error RE Receiver Ac-
tive
RA
and Data AVailable
DAV
These flags may be
polled to determine the state of the transceiver For in-
stance during a Receiver Active interrupt the BCP can que-
ry the DAV bit to determine whether data is ready in the
receiver FIFO yet
The Error Code Register
ECR
contains flags for receiver
errors As previously stated the SEC bit in TRC must be
set high to read this register Reading ECR or resetting
the transceiver with TRES will clear all the errors that are
present The receiver OVerFlow flag OVF is set when the
receiver attempts to add another word to the FIFO when it is
full If internally checked parity and parity transmitted with a
3270 message conflict then the PARity error bit
PAR
is
set high The Invalid Ending Sequence bit
IES
isset
when the ending sequence in a 3270 3299 or 8-bit mes-
sage is incorrect When the expected mid-bit transition in
the Manchester waveform does not occur a Loss of Mid-Bit
Transition occurs ( LMBT ) Finally if the transmitter is acti-
vated while the receiver is active the Receiver DISabled
while active flag
RDIS
will be set unless RPEN is as-
serted
The second register in Main A bank is called the Network
Command Flag register
NCF
and contains information
about the transceiver which is useful for polling the trans-
ceiver (during other tasks for example) to see if it needs
servicing These flags include bits to indicate Transmit FIFO
Empty TFE
Receive FIFO Full RFF
Line Active LA
and a Line Turn Around LTA
LTA indicates that a mes-
sage has been received without error and a valid ending
sequence has occurred These flags facilitate polling of the
transceiver section when transceiver interrupts are not
used Also included in this register is a bit called DEME
(Data ErrorMessage End) In 32703299 modes this bit
indicates a mismatch between received and locally generat-
ed byte parity In 5250 modes
DEME decodes an end of
message indicator (111 in the address field) Three other
bits Received Auto Response RAR
Acknowledge ACK
and Poll POLL are decoded from a received message (at
the output of the receive FIFO) and are valid only in 3270
3299 modes where response time is critical
Section 30 Transceiver provides comprehensive coverage
of this on-chip peripheral
2116 Condition CodesRemote Handshaking Register
The ALU condition codes are available in the Condition
Code Register CCR
The Z bit is set when a zero result
is generated by an arithmetic logical or shift instruction
Similarly
N indicates the Negative result of the same op-
erations An oVerflow condition from an arithmetic instruc-
tion sets the V bit in CCR
The Carry bit C indicates a
carry or borrow result from an arithmetic instruction See
Section 222 ALU for more information
The Condition Code Register
CCR
also contains BIRQ
a status bit which reflects the logic level of the bidirectional
interrupt input pin BIRQ Hence this pin can be used as a
general purpose inputoutput port as well as a bidirectional
interrupt request as defined by bits in ACR and ICR
Ifa
remote CPU is present and shares data memory (dual port
memory) with the BCP handshaking can be accomplished
by using the two status bits in CCR called RR and RW
which indicate Remote Read and Remote Write accesses
respectively
In ACR
a lock bit
LOR
is available to lock out all host
accesses When this bit is set all host accesses are dis-
abled Locking out remote accesses is often done during
interrupts to ensure quick response times
The Remote Interface Configuration register
RIC
isnot
available to the BCP internally The Remote Interface Refer-
ence section provides further detail on RIC and interfac-
ing a remote processor
2117 Index Registers
Four index registers called IW IX IY and IZ provide 16-bit
addressing for both data memory and instruction memory
Each of these index registers is actually a pair of 8-bit regis-
ters which are individually addressable just like any other
CPU register They occupy register addresses R12 through
R19 Thus the first two pointers IW and IX (comprising
R12 – R15) can be accessed with immediate mode instruc-
tions (which can access only R0 to R15) Refer to Section
2132 Addressing Modes to see how the index registers
are formed from R12 – R19
Accessing data memory requires the use of one of the four
index registers All such instructions allow you to specify
which pointer is to be used except the immediate-relative
moves MOVE rs IZan and MOVE IZan rd These in-
structions always use the IZ pointer Register indirect opera-
tions have options to alter the value of the index register
the options include pre-increment
post-increment
and
post-decrement
These options facilitate block moves
searches etc Refer to Section 213 Instruction Set for
more information about data moves
Since the BCP’s ALU is 8 bits wide all code that manipu-
lates the index registers must act on them eight bits at a
time
The index registers can also be used in register indirect
jumps (LJMP Ir ) useful in implementing relocatable code
Any one of the index registers can be specified to provide
the 16-bit instruction address for the indirect jump
2118 Stack Registers
The last two register addresses (R30R31) are dedicated to
provide access to the two on-chip stacksthe data stack
and the address stack The data stack is 8 bits wide and 16
words deep It is a Last In First Out (LIFO) type and provides
high speed storage for variables pointers etc The address
stack is 23 bits wide and 12 words deep providing twelve
levels of nesting of subroutines and interrupts It is also a
LIFO structure and stores processor status as well as return
addresses from CALL instructions TRAP instructions and
interrupts The seven bits of processor status consist of the
four ALU flags ( C
N
V
and Z ) the current bank
setting (two bits) and GIE
Stack pointers for both the on-chip stacks are provided in
R30 the Internal Stack Pointer register
ISP
The lower
four bits are the pointer for the data stack and the upper
four bits are the pointer for the address stack Both internal
stacks are circular For example if 16 bytes are written to
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com