Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 52Page - National Semiconductor (TI) DP8344 Datasheet HTML 53Page - National Semiconductor (TI) DP8344 Datasheet HTML 54Page - National Semiconductor (TI) DP8344 Datasheet HTML 55Page - National Semiconductor (TI) DP8344 Datasheet HTML 56Page - National Semiconductor (TI) DP8344 Datasheet HTML 57Page - National Semiconductor (TI) DP8344 Datasheet HTML 58Page - National Semiconductor (TI) DP8344 Datasheet HTML 59Page - National Semiconductor (TI) DP8344 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
30 Transceiver (Continued)
lates odd parity on the data byte (B2 – B9) and transmits this
value for B10 If TCR 2
is high B10 takes the state of
TCR 0
Odd Word Parity OWP controls the type of
parity calculated on B1 – B11 and transmitted as B12 the
frame delimiter If OWP is high odd parity is output other-
wise even parity is transmitted In this manner the system
designer is provided with maximum flexibility in defining the
transmitted 3270 control bits (B10 – B12)
When data is written to RTR
the least significant 4 bits of
TCR are loaded into the FIFO along with the data being
written to RTR
The same TCR contents can therefore
be used for more than one frame of a multi-frame transmis-
sion or changed for each frame
When a 3270 frame is received and decoded the decoder
loads the parallel data into the receive FIFO where it propa-
gates through to the last location and is mapped into RTR
and TSR
Bits B2 – B11 are exactly as received Byte Pari-
ty BP is odd parity on B2 – B9 calculated in the decoder
Reading
RTR
will advance the receive FIFO therefore
TSR must be read first if this information is to be utilized
TLF9336 – 47
(a) 3270 Data and Command Frames
TLF9336 – 48
(b) 3299 Address Frame
FIGURE 3-9 32703299 Frame AssemblyDisassembly Procedure
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com