Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
fO − Output Frequency − MHz
−250
−200
−150
−100
−50
0
50
100
150
200
250
0
25
50
75
100 125 150 175 200 225 250
IF
G018
IF + fDAC/4
IF − fDAC/4
IF − fDAC/2
IF − fDAC y 3/4
fO − Output Frequency − MHz
0
50
100
150
200
250
0
25
50
75
100 125 150 175 200 225 250
G019
IF − fDAC y 3/4
IF − fDAC/4
IF + fDAC/4
IF − fDAC/2
IF
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 28(b) shows the location of the largest spurious signals for fDAC = 500 MSPS and 4× interpolation for a
real output signal. With a real output signal, there is no distinction between negative and positive frequencies,
and therefore the signals that appear at negative frequencies with a complex signal potentially fall near the
wanted signal. In particular, at IFs near fDAC/8, fDAC/4, and fDAC × 3/4 (62.5 MHz, 125 MHz and 187.5 MHz in this
example) the mixing effect results in spurious signals falling near the wanted signal, which may present a
problem depending on the system application. For a frequency-symmetric signal (such as a single WCDMA or
CDMA carrier), operating at exactly fDAC/8, fDAC/4 and fDAC × 3/4, the spurious signal falls completely inside the
wanted signal, which produces a clean spectrum but may result in degradation of the signal quality.
(a)
(b)
Figure 28. Spurious Frequency vs IF
The offset between wanted and spurious signals is maximized at low IFs (< fDAC/8) and at fDAC × 3/16, fDAC ×
5/16 and fDAC × 7/16. For example, with fDATA = 122.88 MSPS and 4× interpolation, operating with IF = fDAC ×
5/16 = 153.6 MHz results in spurious signals at offsets of 60 MHz from the wanted signal.
Figure 29(a) shows the amplitude of each spurious signal as a function of IF in external-clock mode (CLK2
input). The dominant spurious signal is IF – fDAC/2. The amplitudes of the IF + fDAC/4 and IF – fDAC/4 are the
next-highest spurious signals and are approximately at the same amplitude. Finally, at IF frequencies greater
than 100 MHz, small spurious signals at IF fDAC/8 and IF – fDAC × 3/4 are measurable.
Figure 29(b) shows the amplitude of each spurious signal as a function of IF in PLL clock mode (CLK1 input).
Generating the DAC clock with the onboard PLL/VCO increases the IF – fDAC/2 by 10 dB and the amplitude of
the IF fDAC/4 and IF – fDAC × 3/4 by 25 dB compared to the external-clock mode. The IF fDAC/8 spurs are the
same as in the external-clock mode.
28
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com