Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
CLK2
PLLLOCK
CLK2C
T0003-01
PHSTR
DA[15:0]
DB[15:0]
PLLLOCK
DAC1
CLK2
CLK2C
th(PHSTR)
1/fPLLLOCK = N/fCLK2
ts(PHSTR)
td(CLK)
th
ts
T0004−01
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Figure 37. Four Possible PLLLOCK Phases for N = 4 in External Clock Mode
To synchronize PLLLOCK input clocks across multiple DAC5686 chips, a synchronization signal on the PHSTR
pin is used. During configuration of the DAC5686 chips, address sync_phstr in config_msb is set high to
enable the PHSTR input pin as a synchronization input to the clock dividers generating the input clock. A
simultaneous low-to-high transition on the PHSTR pin for each DAC5686 then forces the input clock on
PLLLOCK to start in phase on each DAC. See Figure 38.
Figure 38. Using PHSTR to Synchronize PLLLOCK Input Clock for Multiple DACs in External Clock Mode
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com