Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 3Page - Texas Instruments DAC5686IPZP Datasheet HTML 4Page - Texas Instruments DAC5686IPZP Datasheet HTML 5Page - Texas Instruments DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS)
(1)
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
DC Accuracy(2)
INL
Integral nonlinearity
1 LSB = IOUTFS/2
16, T
MIN to TMAX
12
LSB
1.84e–4
IOUTFS
DNL
Differential nonlinearity
9
LSB
1.37e–4
IOUTFS
Analog Output
Coarse gain linearity (INL)
LSB = 1/10th of full scale
0.016
LSB
Fine gain linearity (INL)
3
LSB
Offset error
Mid-code offset
0.003
%FSR
Without internal reference
0.7
Gain error
%FSR
With internal reference
0.7
Gain mismatch
With internal reference, dual DAC,
–2
2
%FSR
SSB mode
Full-scale output current(3)
2
20
mA
Output compliance range(4)
IOUTFS = 20 mA
AVDD – 0.5
AVDD + 0.5
V
Output resistance
300
k
Output capacitance
5
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(5)
100
nA
Reference Input
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Small-signal bandwidth
2.5
kHz
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
3
FSR/C
Without internal reference
15
ppm of
Gain drift
FSR/C
With internal reference
40
Reference voltage drift
25
ppm/C
(1)
Specifications subject to change without notice.
(2)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD
(3)
Nominal full-scale current, IOUTFS , equals 16× the IBIAS current.
(4)
The upper limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5686 device. The lower limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(5)
Use an external buffer amplifier with high-impedance input to drive any external load.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com