Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5686IPZP Datasheet HTML 1Page - Texas Instruments DAC5686IPZP Datasheet HTML 2Page - Texas Instruments DAC5686IPZP Datasheet HTML 3Page - Texas Instruments DAC5686IPZP Datasheet HTML 4Page - Texas Instruments DAC5686IPZP Datasheet HTML 5Page - Texas Instruments DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER
• 1.8-V Digital and 3.3-V Analog Supplies
234
• 500-MSPS Maximum-Update-Rate DAC
• 1.8-V/3.3-V CMOS-Compatible Interface
• WCDMA ACPR
• Power Dissipation: 950 mW at Full Maximum
Operating Conditions
1 Carrier: 76 dB Centered at 30.72-MHz IF,
245.76 MSPS
• Package: 100-Pin HTQFP
1 Carrier: 73 dB Centered at 61.44-MHz IF,
245.76 MSPS
• Cellular Base Transceiver Station Transmit
2 Carrier: 72 dB Centered at 30.72-MHz IF,
Channel
245.76 MSPS
CDMA: W-CDMA, CDMA2000, IS-95
4 Carrier: 64 dB Centered at 92.16-MHz IF,
TDMA: GSM, IS-136, EDGE/UWC-136
491.52 MSPS
• Baseband I and Q Transmit
• Selectable 2×, 4×, 8×, and 16× Interpolation
• Input Interface: Quadrature Modulation for
Linear Phase
Interfacing With Baseband Complex Mixing
0.05-dB Pass-Band Ripple
ASICs
80-dB Stop-Band Attenuation
• Single-Sideband Up-Conversion
• Diversity Transmit
Stop-Band Transition 0.4–0.6 fDATA
• Cable Modem Termination System
• 32-Bit Programmable NCO
• On-Chip 2×–16× PLL Clock Multiplier With
Bypass Mode
• Differential Scalable Current Outputs: 2 mA to
20 mA
• On-Chip 1.2-V Reference
The DAC5686 is a dual-channel 16-bit high-speed digital-to-analog converter (DAC) with integrated 2×, 4×, 8×,
and 16× interpolation filters, a numerically controlled oscillator (NCO), onboard clock multiplier, and on-chip
voltage reference. The DAC5686 has been specifically designed to allow for low input data rates between the
DAC and ASIC, or FPGA, and high output transmit intermediate frequencies (IF). Target applications include
high-speed digital data transmission in wired and wireless communication systems and high-frequency
direct-digital synthesis DDS.
The DAC5686 provides three modes of operation: dual-channel, single-sideband, and quadrature modulation. In
dual-channel mode, interpolation filtering increases the DAC update rate, which reduces sinx/x rolloff and
enables the use of relaxed analog post-filtering.
Single-sideband mode provides an alternative interface to the analog quadrature modulators. Channel carrier
selection is performed at baseband by mixing in the ASIC/FPGA. Baseband I and Q from the ASIC/FPGA are
input to the DAC5686, which in turn performs a complex mix resulting in Hilbert transform pairs at the outputs of
the DAC5686's two DACs. An external RF quadrature modulator then performs the final single-sideband
up-conversion. The DAC5686's complex mixing frequencies are flexibly chosen with the 32-bit programmable
NCO.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Excel is a trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5686IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686IPZP TI-DAC5686IPZP Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686IPZP TI2-DAC5686IPZP Datasheet
1Mb / 56P
16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2009
DAC5686IPZP.A TI2-DAC5686IPZP.A Datasheet
1Mb / 56P
16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2009
DAC5686IPZP1G4 TI2-DAC5686IPZP1G4 Datasheet
1Mb / 56P
16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2009
DAC5686IPZP1G4.A TI2-DAC5686IPZP1G4.A Datasheet
1Mb / 56P
16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2009
More results

Similar Description - DAC5686IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com