Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments DAC5686IPZP Datasheet HTML 46Page - Texas Instruments DAC5686IPZP Datasheet HTML 47Page - Texas Instruments DAC5686IPZP Datasheet HTML 48Page - Texas Instruments DAC5686IPZP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
DAC Transfer Function
Reference Operation
IOUT
FS +
16
V
EXTIO
R
BIAS
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
The CMOS DAC’s consist of a segmented array of NMOS current sinks, capable of sinking a full-scale output
current up to 20 mA. Differential current switches direct the current of each current source through either one of
the complementary output nodes IOUT1 or IOUT2. Complementary output currents enable differential operation,
thus canceling out common mode noise sources (digital feed-through, on-chip and PCB noise), dc offsets, even
order distortion components, and increasing signal output power by a factor of two.
The full-scale output current is set using external resistor RBIAS in combination with an on-chip bandgap voltage
reference source (1.2 V) and control amplifier. Current IBIAS through resistor RBIAS is mirrored internally to provide
a full-scale output current equal to 16 times IBIAS. The full-scale current IOUTFS can be adjusted from 20 mA
down to 2 mA.
The relation between IOUT1 and IOUT2 can be expressed as:
IOUT1 = –IOUTFS – IOUT2
We denote current flowing into a node as – current and current flowing out of a node as + current. Because the
output stage is a current sink, the current can only flow from AVDD into the IOUT1 and IOUT2 pins. If IOUT2 =
–5 mA and IO(FS) = 20 mA then:
IOUT1 = –20 – (–5) = –15 mA
The output current flow in each pin driving a resistive load can be expressed as:
IOUT1 = IOUTFS × (65535 – CODE) / 65536
IOUT2 = IOUTFS × CODE / 65536
where CODE is the decimal representation of the DAC data input word.
For the case where IOUT1 and IOUT2 drive resistor loads RL directly, this translates into single ended voltages
at IOUT1 and IOUT2:
VOUT1 = AVDD – I IOUT1 I × RL
VOUT2 = AVDD – I IOUT2 I × RL
Assuming that the data is full scale (65535 in offset binary notation) and the RL is 25 Ω, the differential voltage
between pins IOUT1 and IOUT2 can be expressed as:
VOUT1 = AVDD – I -20 mA I x 25
Ω = 2.8 V
VOUT2 = AVDD – I -0 mA I x 25
Ω = 3.3 V
VDIFF = VOUT1 – VOUT2 = 0.5 V
Note that care should be taken not to exceed the compliance voltages at node IOUT1 and IOUT2, which would
lead to increased signal distortion.
The DAC5686 comprises a band-gap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS. The bias current IBIAS through resistor RBIAS
is defined by the on-chip band-gap reference voltage and control amplifier. The full-scale output current equals
16 times this bias current. The full-scale output current IOUTFS can thus be expressed as (coarse gain = 15, fine
gain = 0):
where VEXTIO is the voltage at terminal EXTIO. The band-gap reference voltage delivers an accurate voltage of
1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
CEXT of 0.1 µF should be connected externally to terminal EXTIO for compensation. The band-gap reference
additionally can be used for external reference operation. In that case, an external buffer with a high-impedance
input should be used in order to limit the band-gap load current to a maximum of 100 nA. The internal reference
can be disabled and overridden by an external reference by connecting EXTLO to AVDD. Capacitor CEXT may
hence be omitted. Terminal EXTIO serves as either input or output node.
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range supporting the
full-scale output current range of 20 dB.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com