Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 47 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments DAC5686IPZP Datasheet HTML 46Page - Texas Instruments DAC5686IPZP Datasheet HTML 47Page - Texas Instruments DAC5686IPZP Datasheet HTML 48Page - Texas Instruments DAC5686IPZP Datasheet HTML 49Page - Texas Instruments DAC5686IPZP Datasheet HTML 50Page - Texas Instruments DAC5686IPZP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
IOUT1
1:1
IOUT2
50
Ω
50
Ω
RLOAD
50
Ω
100
Ω
AVDD (3.3 V)
AVDD (3.3 V)
S0033-01
IOUT1
4:1
IOUT2
100
Ω
100
Ω
RLOAD
50
Ω
AVDD (3.3 V)
AVDD (3.3 V)
S0033-02
SLEEP MODE
POWER-UP SEQUENCE
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Figure 51. Driving a Doubly Terminated 50-
Ω Cable Using a 1:1 Impedance-Ratio Transformer
Figure 52. Driving a Doubly Terminated 50-
Ω Cable Using a 4:1 Impedance-Ratio Transformer
The DAC5686 features a power-down mode that turns off the output current and reduces the supply current to
less than 5 mA over the supply range of 3 V to 3.6 V and temperature range of –40C to 85C. The power-down
mode is activated by applying a logic level 1 to the SLEEP pin (e.g., by connecting pin SLEEP to IOVDD). An
internal pulldown circuit at node SLEEP ensures that the DAC5686 is enabled if the input is left disconnected.
Power-up and power-down activation times depend on the value of the external capacitor at node SLEEP. For a
nominal capacitor value of 0.1 mF, it takes less than 5 ms to power down and approximately 3 ms to power up.
In all conditions, bring up DVDD first. If PLLVDD is powered (PLL on), CLKVDD should be powered before or
simultaneously with PLLVDD. AVDD, CLKVDD and IOVDD can be powered simultaneously or in any order.
Within AVDD, the multiple AVDD pins should be powered simultaneously.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com