Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Digital Filters
f/fDATA
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
G023
f/fDATA
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
G024
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
The PHSTR transition has a setup and hold time relative to the DAC output sample clock (ts_PHSTR and th_PHSTR)
equal to 50% of the DAC output sample clock period up to a maximum of 1 ns. At 500 MHz, the setup and hold
times are therefore 0.5 ns. The PHSTR signal can remain high after synchronization, or can return low. A new
low-to-high transition resynchronizes the input clock. Note that the PHSTR transition also resets the NCO
accumulator.
Figure 39 through Figure 42 show magnitude spectrum responses for 2×, 4×, 8×, and 16× FIR interpolation
filtering. The transition band is from 0.4 to 0.6 fDATA with < 0.002-dB pass-band ripple and > 80-dB stop-band
attenuation for all four configurations. The filters are linear phase. The sel field in register config_lsb selects the
interpolation filtering rate as 2×, 4×, 8×, or 16×; interpolation filtering can be completely bypassed by setting
fullbypass in register config_lsb.
Figure 43 shows the spectral correction of the DAC sinx/x rolloff achieved with use of inverse sinc filtering.
Pass-band ripple from 0 to 0.4 fDATA is < 0.03 dB. Inverse sinc filtering is enabled by sinc in register
config_msb.
MAGNITUDE
MAGNITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 39. Magnitude Spectrum for
Figure 40. Magnitude Spectrum for
2× Interpolation (dB)
4× Interpolation (dB)
34
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com