Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments DAC5686IPZP Datasheet HTML 13Page - Texas Instruments DAC5686IPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
(1)
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (AC SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, IOVDD = 3.3 V, DVDD = 1.8 V,
IOUTFS = 20 mA, external clock mode, differential transformer-coupled output, 50-Ω doubly terminated load (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fDATA = 160 MSPS, fOUT = 60.1 and 61.1 MHz,
2× interpolation, 320 MSPS, IOVDD = 1.8 V,
74
each tone at –6 dBFS
Third-order two-tone
IMD3
dBc
intermodulation
fDATA = 100 MSPS, fOUT = 15.1 and 16.1 MHz,
2× interpolation, 200 MSPS, IOVDD = 1.8 V,
84
each tone at –6 dBFS
fDATA = 100 MSPS, fOUT = 15.6 MHz, 15.8 MHz, 16.2 MHz,
IMD
Four-tone intermodulation
16.4 MHz, 4× interpolation, 400 MSPS, IOVDD = 1.8 V, each
85
dBc
tone at –12 dBFS
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V, DVDD = 1.8
V, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS Interface
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
–40
40
A
IIL
Low-level input current
–40
40
A
Input capacitance
5
pF
IL = –100 A
IOVDD – 0.2
High-level output voltage,
VOH
V
PLLLOCK, SDO, SDIO (I/O)
IL = –8 mA
0.8 × IOVDD
IL = 100 A
0.2
Low-level output voltage,
VOL
V
PLLLOCK, SDO, SDIO (I/O)
IL = 8 mA
0.22 × IOVDD
PLL(2)
Input data rate supported
1
160
MSPS
At 600-kHz offset, measured at
DAC output, 25-MHz 0-dBFS tone,
128
fDATA = 125 MSPS, 4× interpolation
Phase noise
dBc/Hz
At 6-MHz offset, measured at DAC
output, 25-MHz 0-dBFS tone, fDATA
151
= 125 MSPS, 4× interpolation
VCO minimum frequency
PLL_rng = 00 (nominal)
120
MHz
VCO maximum frequency
PLL_rng = 00 (nominal)
500
MHz
NCO
NCO clock (DAC update rate)
320
MHz
Serial Port Timing
Setup time, SDENB to rising edge
tsu(SDENB)
20
ns
of SCLK
Setup time, SDIO valid to rising
tsu(SDIO)
10
ns
edge of SCLK
Hold time, SDIO valid to rising
th(SDIO)
5
ns
edge of SCLK
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLKL
Low time of SCLK
40
ns
(1)
Specifications subject to change without notice.
(2)
See the Non-Harmonic Clock-Related Spurious Signals section for information on spurious products generated in PLL clock mode.
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com