Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments DAC5686IPZP Datasheet HTML 13Page - Texas Instruments DAC5686IPZP Datasheet HTML 14Page - Texas Instruments DAC5686IPZP Datasheet HTML 15Page - Texas Instruments DAC5686IPZP Datasheet HTML 16Page - Texas Instruments DAC5686IPZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
fO – Output Frequency – MHz
40
45
50
55
60
65
70
75
80
10
15
20
25
30
35
40
45
50
fDATA = 125 MSPS
Dual DAC Mode
4y Interpolation
Out-of-Band = 62.5–250 MHz
PLLVDD = 0 V
0 dBfS
–12 dBfS
–6 dBfS
G005
f – Frequency – MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
25
50
75
100
125
150
fDATA = 75 MSPS
fIN = None
NCO On
fOUT = 100 MHz
Quad Mode
4y Interpolation
PLLVDD = 0 V
G006
fO – Output Frequency – MHz
65
70
75
80
85
90
95
10
15
20
25
30
35
40
45
50
55
60
± 0.5 MHz
± 2 MHz
fDATA = 150 MSPS
Dual DAC Mode
2y Interpolation
PLLVDD = 0 V
G007
f – Frequency – MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
20
25
30
fDATA = 150 MSPS
fIN1 = 19.5 MHz
fIN2 = 20.5 MHz
Dual DAC Mode
2y Interpolation
PLLVDD = 0 V
G008
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
OUT-OF-BAND SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
SINGLE-TONE SPECTRUM
Figure 5.
Figure 6.
TWO-TONE IMD3
vs
OUTPUT FREQUENCY
TWO-TONE IMD PERFORMANCE
Figure 7.
Figure 8.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com