Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments DAC5686IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
I
fullscale
+
16 V
extio
R
biasj
(GAINCODE ) 1)
16
B 1 *
FINEGAIN
3072
I
fullscale
+
16 V
extio
R
biasj
(GAINCODE ) 1)
16
B 1 *
FINEGAIN
3072
DIGITAL INPUTS
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
sleepa: When asserted, DACA is put into the sleep mode.
daca_gain[11:8]: Coarse gain control for DACA; the full-scale output current is:
where GAINCODE is the decimal equivalent of daca_gain [11:8] {0…15} and the FINEGAIN is daca_gain [7:0] as
2s complement {–127…128}.
Register Name: dacb_offset_lsb (2s complement)
MSB
LSB
dacb_offset[7:0]
0
0
0
0
0
0
0
0
dacb_offset[7:0]: The lower 8 bits of the DACB offset
Register Name: dacb_gain_lsb (2s complement)
MSB
LSB
dacb_gain[7:0]
0
0
0
0
0
0
0
0
dacb_gain[7:0]: The lower 8 bits of the DACB gain control register. These lower 8 bits are for fine gain control.
This word is a 2s complement value that adjusts the full-scale output current over an approximate 4% to –4%
range.
Register Name: dacb_offset_gain_msb (2s complement)
MSB
LSB
dacb_offset[10:8]
sleepb
dacb_gain[11:8]
0
0
0
0
0
0
0
0
dacb_offset[10:8]: The upper 3 bits of the DACA _offset
sleepb: When asserted, DACB is put into the sleep mode.
dacb_gain[11:8]: Coarse gain control for DACB; the full-scale output current is:
where GAINCODE is the decimal equivalent of dacb_gain [11:8] {0…15} and the FINEGAIN is dacb_gain [1:0] as
2s complement {–127…128}.
Figure 45 shows a schematic of the equivalent CMOS digital inputs of the DAC5686. DA[15:0], DB[15:0], SLEEP,
PHSTR, TxENABLE, QFLAG, SDIO, SCLK, and SDENB have pulldown resistors and RESETB has a pullup
resistor internal to the DAC5686. The pullup and pulldown circuitry is approximately equivalent to 100 k
Ω. See
the specification table for logic thresholds.
42
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com