Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
sel[1:0]: Controls the selection of interpolating filters used; summarized in Table 8.
Table 8. DAC5686 Filter Configuration
sel[1:0]
INTERP. FIR SETTING
00
×2
01
×4
10
×8
11
×16
counter: When asserted, the DAC5686 goes into counter mode and uses an internal counter as a ramp input to
the DAC. The count range is determined by the A-side input data DA[2:0], as summarized in Table 9.
Table 9. DAC5686 Counter Mode Count Range
DA[2:0]
COUNT RANGE
000
All bits D[15:0]
001
Lower 7 bits D[6:0]
010
Mid 4 bits D[10:7]
100
Upper 5 bits D[15:11]
full_bypass: When asserted, the interpolation filters and mixer logic are bypassed, and the data inputs DA[15:0]
and DB[15:0] go straight to the DAC inputs.
Register Name: config_msb
MSB
LSB
ssb
interl
sinc
dith
sync_phstr
nco
sif4
twos
0
0
0
0
0
0
0
0
ssb: In single-sideband mode, assertion inverts the B data; in quadrature modulation mode, assertion routes the
A data path to DACB instead of the B data path.
interl: When asserted, data input to the DAC5686 on channel DA[15:0] is interpreted as a single interleaved
stream (I/Q); channel DB[15:0] is unused.
sinc: Assertion enables the INVSINC filter.
dith: Assertion enables dithering in the PLL.
sync_phstr: Assertion enables the PHSTR input as a sync input to the clock dividers in external single-clock
mode.
nco: Assertion enables the NCO.
sif4: When asserted, the sif interface becomes a 4-pin interface instead of a 3-pin interface. The SDIO pin
becomes an input only, and the SDO is the output.
twos: When asserted, the chip interprets the input data as 2s complement form instead of binary offset.
Register Name: config_usb
MSB
LSB
dualclk
DDS_gain[1:0]
rspect
qflag
pll_rng[1:0]
rev_bbus
0
0
0
0
0
0
0
0
dual_clk: When asserted, the DAC5686 uses both clock inputs; CLK1/CLK1C is the input data clock and
CLK2/CLK2C is the DAC output clock. These two clocks must be phase-aligned within 500 ps to function
properly. When deasserted, CLK2/CLK2C is the DAC output clock and is divided down to generate the input data
clock, which is output on PLLLOCK. Dual clock mode is only available when PLLVDD = 0.
DDS_gain[1:0]: Controls the gain of the DDS so that the overall gain of the DDS is unity. It is important to
40
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com