Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
f − Frequency − MHz
−80
−70
−60
−50
−40
−30
−20
−10
0
0
25
50
75
100 125 150 175 200 225 250
G022
IF − fDAC/4
IF − fDAC/2
IF + fDAC/4
Dual-Bus Mode
IOUTB1
IOUTB2
IOUTA1
IOUTA2
16-Bit
DAC
DA[15:0]
DB[15:0]
2fDATA
2y–16y fDATA
fDATA
y2
16-Bit
DAC
2fDATA
y2
FIR1
Edge Triggered
Input Latches
• ••
• ••
DEMUX
B0025-01
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 30 shows the DAC5686 output spectrum for the preceding example. The amplitudes of the clock-related
spurs agree quite well with the predicted amplitudes in Table 4.
Figure 30. DAC5686 Output Spectrum With fDAC = 500 MSPS, 4× Interpolation, IF = 85 MHz, and
External-Clock Mode
In dual-bus mode, two separate parallel data streams (I and Q) are input to the DAC5686 on data bus DA and
data bus DB. Dual-bus mode is selected by setting INTERL to 0 in the config_msb register. Figure 31 shows
the DAC5686 data path in dual-bus mode. The dual-bus mode timing diagram is shown in Figure 32 for the PLL
clock mode and in Figure 33 for the external clock mode.
Figure 31. Dual-Bus Mode Data Path
30
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com