Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
CLK1
DA[15:0]
DB[15:0]
ts(DATA)
th(DATA)
A0
A1
A2
AN
AN+1
A3
B0
B1
B2
BN
BN+1
B3
T0039-01
CLK2
DA[15:0]
DB[15:0]
ts(DATA)
th(DATA)
A0
A1
A2
AN
AN+1
A3
B0
B1
B2
BN
BN+1
B3
PLLLOCK
td(PLLLOCK)
T0040-01
Interleave Bus Mode
IOUTB1
IOUTB2
IOUTA1
IOUTA2
16-Bit
DAC
2fDATA
2y–16y fDATA
fDATA
y2
16-Bit
DAC
2fDATA
y2
FIR1
Edge Triggered
Input Latches
• ••
• ••
DA[15:0]
DEMUX
B0025-02
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Figure 32. Dual-Bus Mode Timing Diagram (PLL Mode)
Figure 33. Dual-Bus Mode Timing Diagram (External Clock Mode)
In interleave bus mode, one parallel data stream with interleaved data (I and Q) is input to the DAC5686 on data
bus DA. Interleave bus mode is selected by setting INTERL to 1 in the config_msb register. Figure 34 shows
the DAC5686 data path in interleave bus mode. The interleave bus mode timing diagram is shown in Figure 35.
Figure 34. Interleave Bus Mode Data Path
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com