Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
X1
25 MHz_OUT
T2.29.2
T2.29.1
T2.29.1
Clear bit 10 of BMCR
(return to normal operation
from Isolate mode)
Hardware or Software Reset
(with PHYAD
00000)
¹
MODE
T2.28.1
T2.28.2
ISOLATE
NORMAL
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.5.28 Isolation Timing
Figure 3-29. Isolation Timing
xxx
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.28.1
From software clear of bit 10 in the
100
µs
BMCR register to the transition from
Isolate to Normal Mode
T2.28.2
From Deassertion of S/W or H/W Reset
500
µs
to transition from Isolate to Normal
mode
3.5.29 25 MHz_OUT Timing
Figure 3-30. 25 MHz_OUT Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
MII mode
20
T2.29.1
25 MHz_OUT High/Low Time
ns
RMII mode
10
T2.29.2
25 MHz_OUT propagation delay
Relative to X1
8
ns
(1)
25 MHz_OUT characteristics are dependent upon the X1 input characteristics.
36
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com