Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 53 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 49Page - Texas Instruments DP83848MPHPREP Datasheet HTML 50Page - Texas Instruments DP83848MPHPREP Datasheet HTML 51Page - Texas Instruments DP83848MPHPREP Datasheet HTML 52Page - Texas Instruments DP83848MPHPREP Datasheet HTML 53Page - Texas Instruments DP83848MPHPREP Datasheet HTML 54Page - Texas Instruments DP83848MPHPREP Datasheet HTML 55Page - Texas Instruments DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments DP83848MPHPREP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
6.2.2.2
Base Line Wander Compensation
Figure 6-4. 100BASE-TX BLW Event
The DP83848 is completely ANSI TP-PMD compliant and includes base line wander (BLW)
compensation. The BLW compensation block can successfully recover the TPPMD defined “killer” pattern.
BLW can generally be defined as the change in the average DC content, relatively short period over time,
of an AC coupled digital transmission over a given transmission medium. (i.e., copper wire).
BLW results from the interaction between the low frequency components of a transmitted bit stream and
the frequency response of the AC coupling components within the transmission system. If the low
frequency content of the digital bit stream goes below the low frequency pole of the AC coupling
transformers then the droop characteristics of the transformers will dominate resulting in potentially
serious BLW.
The digital oscilloscope plot provided in Figure 6-4 illustrates the severity of the BLW event that can
theoretically be generated during 100BASE-TX packet transmission. This event consists of approximately
800 mV of DC offset for a period of 120
μs. Left uncompensated, events such as this can cause packet
loss.
6.2.3
Signal Detect
The signal detect function of the DP83848 is incorporated to meet the specifications mandated by the
ANSI FDDI TP-PMD Standard as well as the IEEE 802.3 100BASE-TX Standard for both voltage
thresholds and timing parameters.
Note that the reception of normal 10BASE-T link pulses and fast link pulses per IEEE 802.3u auto-
negotiation by the 100BASE-TX receiver do not cause the DP83848 to assert signal detect.
6.2.4
MLT-3 to NRZI Decoder
The DP83848 decodes the MLT-3 information from the Digital Adaptive Equalizer block to binary NRZI
data.
6.2.5
NRZI to NRZ
In a typical application, the NRZI to NRZ decoder is required in order to present NRZ formatted data to the
descrambler.
Copyright © 2012–2013, Texas Instruments Incorporated
ARCHITECTURE
53
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com