Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 84 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 80Page - Texas Instruments DP83848MPHPREP Datasheet HTML 81Page - Texas Instruments DP83848MPHPREP Datasheet HTML 82Page - Texas Instruments DP83848MPHPREP Datasheet HTML 83Page - Texas Instruments DP83848MPHPREP Datasheet HTML 84Page - Texas Instruments DP83848MPHPREP Datasheet HTML 85Page - Texas Instruments DP83848MPHPREP Datasheet HTML 86Page - Texas Instruments DP83848MPHPREP Datasheet HTML 87Page - Texas Instruments DP83848MPHPREP Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 9-23. Energy Detect Control (EDCR), Address 0x1D (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Energy Detect Bust Disable:
Disable bursting of energy detect data pulses. By default, Energy
11
ED_BURST_DIS
0, RW
Detect (ED) transmits a burst of 4 ED data pulses each time the CD is
powered up. When bursting is disabled, only a single ED data pulse
will be send each time the CD is powered up.
Energy Detect Power State:
Indicates current Energy Detect Power state. When set, Energy
10
ED_PWR_STATE
0, RO
Detect is in the powered up state. When cleared, Energy Detect is in
the powered down state. This bit is invalid when Energy Detect is not
enabled.
Energy Detect Error Threshold Met:
9
ED_ERR_MET
0, RO/COR
No action is automatically taken upon receipt of error events. This bit
is informational only and would be cleared on a read.
Energy Detect Data Threshold Met:
8
ED_DATA_MET
0, RO/COR
The number of data events that occurred met or surpassed the
Energy Detect Data Threshold. This bit is cleared on a read.
Energy Detect Error Threshold:
Threshold to determine the number of energy detect error events that
7:4
ED_ERR_COUNT
0001, RW
should cause the device to take action. Intended to allow averaging of
noise that may be on the line. Counter will reset after approximately 2
seconds without any energy detect data events.
Energy Detect Data Threshold:
Threshold to determine the number of energy detect events that
3:0
ED_DATA_COUNT
0001, RW
should cause the device to take actions. Intended to allow averaging
of noise that may be on the line. Counter will reset after approximately
2 seconds without any energy detect data events.
84
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com