Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 81 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 77Page - Texas Instruments DP83848MPHPREP Datasheet HTML 78Page - Texas Instruments DP83848MPHPREP Datasheet HTML 79Page - Texas Instruments DP83848MPHPREP Datasheet HTML 80Page - Texas Instruments DP83848MPHPREP Datasheet HTML 81Page - Texas Instruments DP83848MPHPREP Datasheet HTML 82Page - Texas Instruments DP83848MPHPREP Datasheet HTML 83Page - Texas Instruments DP83848MPHPREP Datasheet HTML 84Page - Texas Instruments DP83848MPHPREP Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 9-20. PHY Control Register (PHYCR), Address 0x19 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Pause Transmit Negotiated:
Indicates that pause transmit should be enabled in the MAC. Based on
ANAR[11:10] and ANLPAR[11:10] settings.
12
PAUSE_TX
0, RO
This function shall be enabled according to IEEE 802.3 Annex 28B
Table 28B-3, “Pause Resolution”, only if the Auto-Negotiated Highest
Common Denominator is a full duplex technology.
BIST Force Error:
1 = Force BIST Error
11
BIST_FE
0, RW/SC
0 = Normal operation
This bit forces a single error, and is self clearing
BIST Sequence select:
10
PSR_15
0, RW
1 = PSR15 selected
0 = PSR9 selected
BIST Test Status:
1 = BIST pass
9
BIST_STATUS
0, LL/RO
0 = BIST fail. Latched, cleared when BIST is stopped
For a count number of BIST errors, see the BIST Error Count in the
CDCTRL1 register.
BIST Start:
8
BIST_START
0, RW
1 = BIST start
0 = BIST stop
Bypass LED Stretching:
This will bypass the LED stretching and the LEDs will reflect the internal
value.
7
BP_STRETCH
0, RW
1 = Bypass LED stretching
0 = Normal operation
6
LED_CNFG[1]
0, RW
LEDs Configuration:
LED_CNFG
LED_
Mode
5
LED_CNFG[0]
Strap, RW
[1]
CNFG[0]
Description
Don’t care
1
Mode 1
0
0
Mode 2
1
0
Mode 3
In Mode 1, LEDs are configured as follows:
LED_LINK = ON for Good Link, OFF for No Link
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/COL = ON for Activity, OFF for No Activity
In Mode 2, LEDs are configured as follows:
LED_LINK = ON for good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/COL = ON for Collision, OFF for No Collision
Full Duplex, OFF for Half Duplex
In Mode 3, LEDs are configured as follows:
LED_LINK = ON for Good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/COL = ON for Full Duplex, OFF for Half Duplex
4:0
PHYADDR[4:0]
Strap, RW
PHY Address: PHY address for port
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
81
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com