Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 70Page - Texas Instruments DP83848MPHPREP Datasheet HTML 71Page - Texas Instruments DP83848MPHPREP Datasheet HTML 72Page - Texas Instruments DP83848MPHPREP Datasheet HTML 73Page - Texas Instruments DP83848MPHPREP Datasheet HTML 74Page - Texas Instruments DP83848MPHPREP Datasheet HTML 75Page - Texas Instruments DP83848MPHPREP Datasheet HTML 76Page - Texas Instruments DP83848MPHPREP Datasheet HTML 77Page - Texas Instruments DP83848MPHPREP Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9.2.9
Auto-Negotiation Next Page Transmit Register (ANNPTR)
This register contains the next page information sent by this device to its link partner during auto-
negotiation.
Table 9-11. Auto-Negotiation Next Page Transmit Register (ANNPTR), Address 0x07
BIT
BIT NAME
DEFAULT
DESCRIPTION
Next Page Indication:
15
NP
0, RW
0 = No other Next Page Transfer desired
1 = Another Next Page desired
14
RESERVED
0, RO
RESERVED: Writes ignored, read as 0
Message Page:
13
MP
1, RW
1 = Message Page
0 = Unformatted Page
Acknowledge2:
1 = Will comply with message
12
ACK2
0, RW
0 = Cannot comply with message
Acknowledge2 is used by the next page function to indicate that Local
Device has the ability to comply with the message received.
Toggle:
1 = Value of toggle bit in previously transmitted Link Code Word was 0
0 = Value of toggle bit in previously transmitted Link Code Word was 1
11
TOG_TX
0, RO
Toggle is used by the Arbitration function within Auto-Negotiation to
ensure synchronization with the Link Partner during Next Page
exchange. This bit shall always take the opposite value of the Toggle
bit in the previously exchanged Link Code Word.
This field represents the code field of the next page transmission. If the
MP bit is set (bit 13 of this register), then the code shall be interpreted
as a "Message Page”, as defined in annex 28C of IEEE 802.3u.
Otherwise, the code shall be interpreted as an "Unformatted Page”, and
10:0
CODE
<000 0000 0001>, RW
the interpretation is application specific.
The default value of the CODE represents a Null Page as defined in
Annex 28C of IEEE 802.3u.
9.3
Extended Registers
9.3.1
PHY Status Register (PHYSTS)
This register provides a single location within the register set for quick access to commonly accessed
information.
Table 9-12. PHY Status Register (PHYSTS), Address 0x10
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED: Write ignored, read as 0
MDI-X mode as reported by the Auto-Negotiation logic:
This bit will be affected by the settings of the MDIX_EN and
FORCE_MDIX bits in the PHYCR register. When MDIX is enabled,
but not forced, this bit will update dynamically as the Auto-MDIX
algorithm swaps between MDI and MDI-X configurations.
14
MDI-X Mode
0, RO
1 = MDI pairs swapped
(Receive on TPTD pair, Transmit on TPRD pair)
0 = MDI pairs normal
(Receive on TRD pair, Transmit on TPTD pair)
74
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com