Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
A renegotiation request from any entity, such as a management agent, will cause the DP83848 to halt any
transmit data and link pulse activity until the break_link_timer expires (~1500 ms). Consequently, the link
partner will go into link fail and normal auto-negotiation resumes. The DP83848 will resume auto-
negotiation after the break_link_timer has expired by issuing FLP bursts.
4.1.5
Enabling Auto-Negotiation via Software
It is important to note that if the DP83848 has been initialized upon power-up as a non-auto-negotiating
device (forced technology), and it is then required that auto-negotiation or re-auto-negotiation be initiated
via software, bit 12 (auto-negotiation enable) of the BMCR must first be cleared and then set for any auto-
negotiation function to take effect.
4.1.6
Auto-Negotiation Complete Time
Parallel detection and auto-negotiation take approximately 2-3 seconds to complete. In addition, auto-
negotiation with next page should take approximately 2-3 seconds to complete, depending on the number
of next pages sent.
Refer to Clause 28 of the IEEE 802.3u standard for a full description of the individual timers related to
auto-negotiation.
4.2
Auto-MDIX
When enabled, this function utilizes auto-negotiation to determine the proper configuration for transmission
and reception of data and subsequently selects the appropriate MDI pair for MDI/MDIX operation. The
function uses a random seed to control switching of the crossover circuitry. This implementation complies
with the corresponding IEEE 802.3 auto-negotiation and crossover specifications.
Auto-MDIX is enabled by default and can be configured via strap or via PHYCR (0x19h) register, bits
[15:14].
Neither auto-negotiation nor auto-MDIX is required to be enabled in forcing crossover of the MDI pairs.
Forced crossover can be achieved through the FORCE_MDIX bit, bit 14 of PHYCR (0x19h) register.
NOTE
Auto-MDIX will not work in a forced mode of operation.
4.3
PHY Address
The 5 PHY address inputs pins are shared with the RXD[3:0] pins and COL pin as shown below.
Table 4-2. PHY Address Mapping
PIN NUMBER
PHYAD FUNCTION
RXD FUNCTION
42
PHYAD0
COL
43
PHYAD1
RXD_0
44
PHYAD2
RXD_1
45
PHYAD3
RXD_2
46
PHYAD4
RXD_3
Copyright © 2012–2013, Texas Instruments Incorporated
CONFIGURATION
39
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com