Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 10Page - Texas Instruments DP83848MPHPREP Datasheet HTML 11Page - Texas Instruments DP83848MPHPREP Datasheet HTML 12Page - Texas Instruments DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments DP83848MPHPREP Datasheet HTML 15Page - Texas Instruments DP83848MPHPREP Datasheet HTML 16Page - Texas Instruments DP83848MPHPREP Datasheet HTML 17Page - Texas Instruments DP83848MPHPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 2-4. LED Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
LINK LED: In Mode 1, this pin indicates the status of the LINK. The LED will be ON when Link is good.
LED_LINK
28
S, O, PU
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit and receive activity in addition to the status of
the Link. The LED will be ON when Link is good. It will blink when the transmitter or receiver is active.
SPEED LED: The LED is ON when device is in 100 Mb/s and OFF when in 10 Mb/s. Functionality of this LED is
LED_SPEED
27
S, O, PU
independent of mode selected.
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is ON when activity is present on either Transmit or
Receive.
LED_ACT/COL
26
S, O, PU
COLLISION/DUPLEX LED: In Mode 2, this pin by default indicates Collision detection. For Mode 3, this LED
output may be programmed to indicate Full-duplex status instead of Collision.
Table 2-5. JTAG Interface
TERMINAL
I/O
DESCRIPTION
NAME
No.
TCK
8
I, PU
TEST CLOCK: This pin has a weak internal pullup
TDI
12
I, PU
TEST DATA INPUT: This pin has a weak internal pullup
TDO
9
O
TEST OUTPUT
TMS
10
I, PU
TEST MODE SELECT: This pin has a weak internal pullup
TRST#
11
I, PU
TEST RESET: Active low asynchronous test reset. This pin has a weak internal pullup.
Table 2-6. Reset and Power Down
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RESET: Active Low input that initializes or re-initializes the DP83848. Asserting this pin low for at least 1
μs will
RESET_N
29
I, PU
force a reset process to occur. All internal registers will re-initialize to their default states as specified for each bit
in the Register Block section. All strap options are re-initialized as well.
The default function of this pin is POWER DOWN.
POWER DOWN: The pin is an active low input in this mode and should be asserted low to put the device in a
Power Down mode.
PWR_DOWN/INT
7
I, OD, PU
INTERRUPT: The pin is an open drain output in this mode and will be asserted low when an interrupt condition
occurs. Although the pin has a weak internal pull-up, some applications may require an external pull-up resister.
Register access is required for the pin to be used as an interrupt mechanism. See Section 7.5.2 for more details
on the interrupt mechanisms.
14
OVERVIEW
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com