Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments DP83848MPHPREP Datasheet HTML 44Page - Texas Instruments DP83848MPHPREP Datasheet HTML 45Page - Texas Instruments DP83848MPHPREP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
VCC
AN0 = 1
AN1 = 1
AN_EN = 1
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Figure 4-2. AN Strapping and LED Loading Example
4.4.2
LED Direct Control
The DP83848 provides another option to directly control any or all LED outputs through the LED direct
control register (LEDCR), address 18h. The register does not provide read access to LEDs.
4.5
Half Duplex vs Full Duplex
The DP83848 supports both half and full duplex operation at both 10 Mb/s and 100 Mb/s speeds.
Half duplex relies on the CSMA/CD protocol to handle collisions and network access. In half duplex mode,
CRS responds to both transmit and receive activity in order to maintain compliance with the IEEE 802.3
specification.
Since the DP83848 is designed to support simultaneous transmit and receive activity it is capable of
supporting fullduplex switched applications with a throughput of up to 200 Mb/s per port when operating in
100BASE-TX mode. Because the CSMA/CD protocol does not apply to fullduplex operation, the DP83848
disables its own internal collision sensing and reporting functions and modifies the behavior of carrier
sense (CRS) such that it indicates only receive activity. This allows a full duplex capable MAC to operate
properly.
All modes of operation (100BASE-TX and 10BASE-T) can run either half duplex or full duplex.
Additionally, other than CRS and collision reporting, all remaining MII signaling remains the same
regardless of the selected duplex mode.
It is important to understand that while auto-negotiation with the use of fast link pulse code words can
interpret and configure to full duplex operation, parallel detection can not recognize the difference between
full and half duplex from a fixed 10 Mb/s or 100 Mb/s link partner over twisted pair. As specified in the
802.3u specification, if a far-end link partner is configured to a forced full duplex 100BASE-TX ability, the
parallel detection state machine in the partner would be unable to detect the full duplex capability of the
far-end link partner. This link segment would negotiate to a half duplex 100BASE-TX configuration (same
scenario for 10 Mb/s).
4.6
Internal Loopback
The DP83848 includes a loopback test mode for facilitating system diagnostics. The loopback mode is
selected through bit 14 (loopback) of the BMCR. Writing 1 to this bit enables MII transmit data to be routed
to the MII receive outputs. Loopback status may be checked in bit 3 of PHYSTS. While in Loopback mode
the data will not be transmitted onto the media. To ensure that the desired operating mode is maintained,
Auto-Negotiation should be disabled before selecting the loopback mode.
42
CONFIGURATION
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com