Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 61Page - Texas Instruments DP83848MPHPREP Datasheet HTML 62Page - Texas Instruments DP83848MPHPREP Datasheet HTML 63Page - Texas Instruments DP83848MPHPREP Datasheet HTML 64Page - Texas Instruments DP83848MPHPREP Datasheet HTML 65Page - Texas Instruments DP83848MPHPREP Datasheet HTML 66Page - Texas Instruments DP83848MPHPREP Datasheet HTML 67Page - Texas Instruments DP83848MPHPREP Datasheet HTML 68Page - Texas Instruments DP83848MPHPREP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 9-2. Register Table
REGISTER
ADDRESS
TAG
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT0
NAME
Basic Mode
Auto-
Restart
Loop-
Speed
Power
Duplex
Collision
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Control
00h
BMCR
Reset
Neg
Isolate
Auto-
back
Selection
Down
Mode
Test
served
served
served
served
served
served
served
Register
Enable
Neg
MF Pre-
Auto-
Extend-
Basic Mode
Auto-
100Base
100Base
100Base
10Base-
10Base-
Re-
Re-
Re-
Re-
amble
Neg
Remote
Link
Jabber
ed
Status
01h
BMSR
Neg
-T4
-TX FDX
-TX HDX
T FDX
T HDX
served
served
served
served
Sup-
Com-
Fault
Status
Detect
Capa-
Register
Ability
press
plete
bility
PHY
PHYIDR
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
OUI
Identifier
02h
1
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
Register 1
PHY
PHYIDR
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
MDL_
MDL_
MDL_
MDL_
Identifier
03h
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
2
MDL
MDL
MDL
MDL
MDL
MDL
REV
REV
REV
REV
Register 2
Auto-
Negotiation
Next
Re-
Remote
Re-
ASM_
Protocol
Protocol
Protocol
Protocol
Protocol
Advertise-
04h
ANAR
PAUSE
T4
TX_FD
TX
10_FD
10
Page Ind
served
Fault
served
DIR
Selection Selection Selection Selection Selection
ment
Register
Auto-
Negotiation
Link Partner
Next
Remote
Re-
ASM_
Protocol
Protocol
Protocol
Protocol
Protocol
05h
ANLPAR
ACK
PAUSE
T4
TX_FD
TX
10_FD
10
Ability
Page Ind
Fault
served
DIR
Selection Selection Selection Selection Selection
Register
(Base Page)
Auto-
Negotiation
Mes-
Link Partner
AN-
Next
05h
ACK
sage
ACK2
Toggle
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Ability
LPARNP
Page Ind
Page
Register Next
Page
Auto-
Negotiation
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
LP_NP_
NP_
PAGE_
LP_AN_
06h
ANER
PDF
Expansion
served
served
served
served
served
served
served
served
served
served
served
ABLE
ABLE
RX
ABLE
Register
Auto-
Negotiation
Next
Re-
Message
07h
ANNPTR
ACK2
TOG_TX
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
Next Page
Page Ind
served
Page
TX Register
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Reserved
08-0fh
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
65
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com