Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 68 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 64Page - Texas Instruments DP83848MPHPREP Datasheet HTML 65Page - Texas Instruments DP83848MPHPREP Datasheet HTML 66Page - Texas Instruments DP83848MPHPREP Datasheet HTML 67Page - Texas Instruments DP83848MPHPREP Datasheet HTML 68Page - Texas Instruments DP83848MPHPREP Datasheet HTML 69Page - Texas Instruments DP83848MPHPREP Datasheet HTML 70Page - Texas Instruments DP83848MPHPREP Datasheet HTML 71Page - Texas Instruments DP83848MPHPREP Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9.2
Register Definition
In the register definitions under the ‘Default’ heading, the following definitions hold true:
•
RW = Read Write access
•
SC = Register sets on event occurrence and Self-Clears when event ends
•
RW/SC = Read Write access/Self Clearing bit
•
RO = Read Only access
•
COR = Clear on Read
•
RO/COR = Read Only, Clear on Read
•
RO/P = Read Only, Permanently set to a default value
•
LL = Latched Low and held until read, based upon the occurrence of the corresponding event
•
LH = Latched High and held until read, based upon the occurrence of the corresponding event
9.2.1
Basic Mode Control Register (BMCR)
Table 9-3. Basic Mode Control Register (BMCR), Address 0x00
BIT
BIT NAME
DEFAULT
DESCRIPTION
Reset:
1 = Initiate software Reset/Reset in Process
15
Reset
0, RW/SC
0 = Normal operation
This bit, which is self-clearing, returns a value of one until the reset
process is complete. The configuration is re-strapped.
Loopback:
1 = Loopback enabled
0 = Normal operation
The loopback function enables MII transmit data to be routed to the MII
14
Loopback
0, RW
receive data path.
Setting this bit may cause the descrambler to lose synchronization and
produce a 500
μs “dead time” before any valid data will appear at the MII
receive outputs.
Speed Select:
When auto-negotiation is disabled writing to this bit allows the port speed
to be selected.
13
Speed Selection
Strap, RW
1 = 100 Mb/s
0 = 10 Mb/s
Auto-Negotiation Enable:
Strap controls initial value at reset
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are ignored
12
Auto-Negotiation Enable
Strap, RW
when this bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port speed
and duplex mode.
Power Down:
1 = Power down
0 = Normal opeation.
11
Power Down
0, RW
Setting this bit powers down the PHY. Only the register block is enabled
during a power down condition. This bit is OR’d with the input from the
PWR_DOWN/INT pin. When the active low PWR_DOWN/INT pin is
asserted, this bit will be set.
Isolate:
1 = Isolates the Port from the MII with the exception of the serial man-
10
Isolate
0, RW
agement.
0 = Normal operation
68
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com