Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 55 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 51Page - Texas Instruments DP83848MPHPREP Datasheet HTML 52Page - Texas Instruments DP83848MPHPREP Datasheet HTML 53Page - Texas Instruments DP83848MPHPREP Datasheet HTML 54Page - Texas Instruments DP83848MPHPREP Datasheet HTML 55Page - Texas Instruments DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments DP83848MPHPREP Datasheet HTML 57Page - Texas Instruments DP83848MPHPREP Datasheet HTML 58Page - Texas Instruments DP83848MPHPREP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
6.2.11 Bad SSD Detection
A bad start of stream delimiter (Bad SSD) is any transition from consecutive idle code-groups to non-idle
code-groups which is not prefixed by the code-group pair /J/K.
If this condition is detected, the DP83848 will assert RX_ER and present RXD[3:0] = 1110 to the MII for
the cycles that correspond to received 5B code-groups until at least two IDLE code groups are detected.
In addition, the false carrier sense counter register (FCSCR) will be incremented by one.
Once at least two IDLE code groups are detected, RX_ER and CRS become de-asserted.
6.3
10BASE-T Transceiver Module
The 10BASE-T transceiver module is IEEE 802.3 compliant. It includes the receiver, transmitter, collision,
heartbeat, loopback, jabber, and link integrity functions, as defined in the standard. An external filter is not
required on the 10BASE-T interface since this is integrated inside the DP83848. This section focuses on
the general 10BASET system level operation.
6.3.1
Operational Modes
6.3.1.1
Half Duplex Mode
In half duplex mode the DP83848 functions as a standard IEEE 802.3 10BASE-T transceiver supporting
the CSMA/CD protocol.
6.3.1.2
Full Duplex Mode
In full duplex mode the DP83848 is capable of simultaneously transmitting and receiving without asserting
the collision signal. The DP83848's 10 Mb/s ENDEC is designed to encode and decode simultaneously.
6.3.2
Smart Squelch
The smart squelch is responsible for determining when valid data is present on the differential receive
inputs. The DP83848 implements an intelligent receive squelch to ensure that impulse noise on the
receive inputs will not be mistaken for a valid signal. Smart squelch operation is independent of the
10BASE-T operational mode.
The squelch circuitry employs a combination of amplitude and timing measurements (as specified in the
IEEE 802.3 10BSE-T standard) to determine the validity of data on the twisted pair inputs (refer to
Figure 6-5).
The signal at the start of a packet is checked by the smart squelch and any pulses not exceeding the
squelch level (either positive or negative, depending upon polarity) will be rejected. Once this first squelch
level is overcome correctly, the opposite squelch level must then be exceeded within 150 ns. Finally the
signal must again exceed the original squelch level within a 150 ns to ensure that the input waveform will
not be rejected. This checking procedure results in the loss of typically three preamble bits at the
beginning of each packet.
Only after all these conditions have been satisfied will a control signal be generated to indicate to the
remainder of the circuitry that valid data is present. At this time, the smart squelch circuitry is reset.
Valid data is considered to be present until the squelch level has not been generated for a time longer
than 150 ns, indicating the end of packet. Once good data has been detected, the squelch levels are
reduced to minimize the effect of noise causing premature end of packet detection.
Copyright © 2012–2013, Texas Instruments Incorporated
ARCHITECTURE
55
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com