Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 9Page - Texas Instruments DP83848MPHPREP Datasheet HTML 10Page - Texas Instruments DP83848MPHPREP Datasheet HTML 11Page - Texas Instruments DP83848MPHPREP Datasheet HTML 12Page - Texas Instruments DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments DP83848MPHPREP Datasheet HTML 15Page - Texas Instruments DP83848MPHPREP Datasheet HTML 16Page - Texas Instruments DP83848MPHPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 2-2. MAC Data Interface (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to indicate that an invalid symbol has been
detected within a received packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Assert high synchronously to X1 whenever it detects a media error and RXDV is
asserted in 100 Mb/s mode.
RX_ER
41
S, O, PU
This pin is not required to be used by a MAC, in either MII or RMII mode, since the Phy is required to corrupt
data on a receive error.
This pin is not used in SNI mode.
MII RECEIVE DATA: Nibble wide receive data signals driven synchronously to the RX_CLK, 25 MHz for
RXD_0
43
S, O, PD
100 Mb/s mode, 2.5 MHz for 10 Mb/s mode). RXD[3:0] signals contain valid data when RX_DV is asserted.
RXD_1
44
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven synchronously to the X1 clock, 50 MHz.
RXD_2
45
SNI RECEIVE DATA: Receive data signal, RXD_0, driven synchronously to the RX_CLK. RXD_0 contains valid
data when CRS is asserted. RXD[3:1] are not used in this mode.
RXD_3
46
MII CARRIER SENSE: Asserted high to indicate the receive medium is non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal combines the RMII Carrier and Receive Data Valid
CRS/CRS_DV
40
S, O, PU
indications. For a detailed description of this signal, see the RMII Specification.
SNI CARRIER SENSE: Asserted high to indicate the receive medium is non-idle. It is used to frame valid
receive data on the RXD_0 signal.
MII COLLISION DETECT: Asserted high to indicate detection of a collision condition (simultaneous transmit
and receive activity) in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this pin is also asserted for a duration of
approximately 1
μs at the end of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is always logic 0. There is no heartbeat
COL
42
S, O, PU
function during 10 Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL signal is required. The MAC will recover CRS
from the CRS_DV signal and use that along with its TX_EN signal to determine collision.
SNI COLLISION DETECT: Asserted high to indicate detection of a collision condition (simultaneous transmit
and receive activity) in 10 Mb/s SNI mode.
Table 2-3. Clock Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock reference input for the DP83848 and must be
connected to a 25 MHz 0.005% (±50 ppm) clock source. The DP83848 supports either an external crystal
resonator connected across pins X1 and X2, or an external CMOS-level oscillator source connected to pin X1
X1
34
I
only.
RMII REFERENCE CLOCK: This pin is the primary clock reference input for the RMII mode and must be
connected to a 50 MHz 0.005% (±50 ppm) CMOS-level oscillator source.
CRYSTAL OUTPUT: This pin is the primary clock reference output to connect to an external 25 MHz crystal
X2
33
O
resonator device. This pin must be left unconnected if an external CMOS oscillator clock source is used.
25 MHz CLOCK OUTPUT:
In MII mode, this pin provides a 25 MHz clock output to the system.
25MHz_OUT
25
O
In RMII mode, this pin provides a 50 MHz clock output to the system.
This allows other devices to use the reference clock from the DP83848 without requiring additional clock
sources.
Copyright © 2012–2013, Texas Instruments Incorporated
OVERVIEW
13
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com