Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments DP83848MPHPREP Datasheet HTML 44Page - Texas Instruments DP83848MPHPREP Datasheet HTML 45Page - Texas Instruments DP83848MPHPREP Datasheet HTML 46Page - Texas Instruments DP83848MPHPREP Datasheet HTML 47Page - Texas Instruments DP83848MPHPREP Datasheet HTML 48Page - Texas Instruments DP83848MPHPREP Datasheet HTML 49Page - Texas Instruments DP83848MPHPREP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
5.3
10 Mb Serial Network Interface (SNI)
The DP83848 incorporates a 10 Mb serial network interface (SNI) which allows a simple serial data
interface for 10 Mb only devices. This is also referred to as a 7-wire interface. While there is no defined
standard for this interface, it is based on early 10 Mb physical layer devices. Data is clocked serially at
10 MHz using separate transmit and receive paths. The following pins are used in SNI mode:
•
TX_CLK
•
TX_EN
•
TXD[0]
•
RX_CLK
•
RXD[0]
•
CRS
•
COL
5.4
802.3u MII Serial Management Interface
5.4.1
Serial Management Register Access
The serial management MII specification defines a set of thirty-two 16-bit status and control registers that
are accessible through the management interface pins MDC and MDIO. The DP83848 implements all the
required MII registers as well as several optional registers. A description of the serial management access
protocol follows.
5.4.2
Serial Management Access Protocol
The serial control interface consists of two pins, management data clock (MDC) and management data
input/output (MDIO). MDC has a maximum clock rate of 25 MHz and no minimum rate. The MDIO line is
bi-directional and may be shared by up to 32 devices. The MDIO frame format is shown below in
Table 5-2.
The MDIO pin requires a pull-up resistor (1.5 k
Ω) which, during IDLE and turnaround, will pull MDIO high.
In order to initialize the MDIO interface, the station management entity sends a sequence of 32 contiguous
logic ones on MDIO to provide the DP83848 with a sequence that can be used to establish
synchronization. This preamble may be generated either by driving MDIO high for 32 consecutive MDC
clock cycles, or by simply allowing the MDIO pull-up resistor to pull the MDIO pin high during which time
32 MDC clock cycles are provided. In addition 32 MDC clock cycles should be used to re-sync the device
if an invalid start, opcode, or turnaround bit is detected.
The DP83848 waits until it has received this preamble sequence before responding to any other
transaction. Once the DP83848 serial management port has been initialized no further preamble
sequencing is required until after a power-on/reset, invalid start, invalid opcode, or invalid turnaround bit
has occurred.
The start code is indicated by a <01> pattern. This assures the MDIO line transitions from the default idle
line state.
Turnaround is defined as an idle bit time inserted between the register address field and the data field. To
avoid contention during a read transaction, no device shall actively drive the MDIO signal during the first
bit of turnaround. The addressed DP83848 drives the MDIO with a zero for the second bit of turnaround
and follows this with the required data. Figure 5-1 shows the timing relationship between MDC and the
MDIO as driven or received by the station (STA) and the DP83848 (PHY) for a typical register read
access.
For write transactions, the station management entity writes data to the addressed DP83848 thus
eliminating the requirement for MDIO turnaround. The turnaround time is filled by the management entity
by inserting <10>. Figure 5-2 shows the timing relationship for a typical MII register write access.
46
FUNCTIONAL DESCRIPTION
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com