Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 15 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 11Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 12Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 13Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 14Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 15Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 16Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 17Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 18Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 2-7. Strap Options(1)(2)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PHY ADDRESS [4:0]: The DP83848 provides five PHY address pins, the state of which are latched into the
PHYAD0 (COL)
42
S, O, PU
PHYCTRL register at system Hardware-Reset.
The DP83848 supports PHY Address strapping values 0 (<00000>) through 31 (<11111>). A PHY Address of 0 puts
the part into the MII Isolate Mode. The MII isolate mode must be selected by strapping Phy Address 0; changing to
PHYAD1 (RXD_0)
43
S, O, PD
Address 0 by register write will not put the Phy in the MII isolate mode. Please refer to section 2.3 for additional
information.
PHYAD2 (RXD_1)
44
PHYAD0 pin has weak internal pull-up resistor.
PHYAD3 (RXD_2)
45
PHYAD[4:1] pins have weak internal pull-down resistors.
PHYAD4 (RXD_3)
46
AN_EN
Auto-Negotiation Enable: When high, this enables Auto-Negotiation with the capability set by ANO and AN1 pins.
26
S, O, PU
(LED_ACT/COL)
When low, this puts the part into Forced Mode with the capability set by AN0 and AN1 pins.
AN0 / AN1: These input pins control the forced or advertised operating mode of the DP83848 according to the
AN_1
27
following table. The value on these pins is set by connecting the input pins to GND (0) or VCC (1) through 2.2 k
Ω
(LED_SPEED)
resistors. These pins should NEVER be connected directly to GND or VCC.
AN_0 (LED_LINK)
28
The value set at this input is latched into the DP83848 at Hardware-Reset.
The float/pull-down status of these pins are latched into the Basic Mode Control Register and the Auto_Negotiation
Advertisement Register during Hardware-Reset.
The default is 111 since these pins have internal pull-ups.
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
10BASE-T Half-Duplex
1
1
0
100BASE-TX, Half-Duplex
10BASE-T, Half/Full-Duplex
1
1
1
100BASE-TX, Half/Full-Duplex
MII MODE SELECT: This strapping option pair determines the operating mode of the MAC Data Interface. Default
MII_MODE
operation (No pull-ups) will enable normal MII Mode of operation. Strapping MII_MODE high will cause the device to
39
S, O, PD
(RX_DV)
be in RMII or SNI mode of operation, determined by the status of the SNI_MODE strap. Since the pins include
internal pull-downs, the default values are 0.
SNI_MODE
6
The following table details the configurations:
(TXD_3)
MII_MODE
SNI_MODE
MAC Interface Mode
0
X
MII Mode
1
0
RMII Mode
1
1
10 Mb SNI Mode
LED CONFIGURATION: This strapping option determines the mode of operation of the LED pins. Default is Mode 1.
Mode 1 and Mode 2 can be controlled via the strap option. All modes are configurable via register access.
LED_CFG (CRS)
40
S, O, PU
See Table 4-3 for LED Mode Selection.
MDIX ENABLE: Default is to enable MDIX. This strapping option disables Auto-MDIX. An external pull-down will
MDIX_EN (RX_ER)
41
S, O, PU
disable Auto- MDIX mode.
(1)
The DP83848 uses many of the functional pins as strap options. The values of these pins are sampled during reset and used to strap
the device into specific modes of operation. The functional pin name is indicated in parentheses.
(2)
A 2.2 k
Ω resistor should be used for pull-down or pull-up to change the default strap option. If the default option is required, then there is
no need for external pull-up or pull down resistors. Since these pins may have alternate functions after reset is deasserted, they should
not be connected directly to VCC or GND.
Copyright © 2012–2013, Texas Instruments Incorporated
OVERVIEW
15
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com